Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT815Q-R Datasheet(PDF) 41 Page - Bridgetek Pte Ltd.

Part # BT815Q-R
Description  Embedded Video Engine
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT815Q-R Datasheet(HTML) 41 Page - Bridgetek Pte Ltd.

Back Button BT815Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT815Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Copyright © Bridgetek Pte Ltd
41
BT81X (815/6) Advanced Embedded Video Engine Datasheet
Version 1.0
Document No.: BRT_000220 Clearance No.: BRT#126
Pin Name
Default Drive
Reset
Normal
Power Down
(Default)
INT_N
5mA
OD, Float
OD / Out
Float
PD_N
-
In
In
In
GPIO3
5mA
In
IO
Float
SPIM_SCLK
5mA
In
Out
Float
SPIM_MISO
5mA
In
IO
Float
SPIM_MOSI
5mA
In
IO
Float
SPIM_SS_N
5mA
In
Out
Float
SPIM_IO2
5mA
In
IO
Float
SPIM_IO3
5mA
In
IO
Float
X1/CLK
-
In
In
In
XP
-
IO, Float
IO
Retain
YP
-
IO, Float
IO
Retain
XM
-
IO, Float
IO
Retain
YM
-
IO, Float
IO
Retain
CTP_RST_N
5mA
Out
Out
Pull Low
CTP_INT_N
5mA
In
I/O
In
CTP_SCL
20mA
OD
IO
Float
CTP_SDA
20mA
OD
IO
Float
BACKLIGHT
1.2mA
Out
Out
Pull Low
DE
1.2mA
Out
Out
Pull Low
VSYNC
1.2mA
Out
Out
Pull Low
HSYNC
1.2mA
Out
Out
Pull Low
DISP
1.2mA
Out
Out
Pull Low
PCLK
1.2mA
Out
Out
Pull Low
R/G/B
1.2mA
Out
Out
Pull Low
Table 4-21 Pin Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com