Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2133 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC2133
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC2133 Datasheet HTML 14Page - Microchip Technology MIC2133 Datasheet HTML 15Page - Microchip Technology MIC2133 Datasheet HTML 16Page - Microchip Technology MIC2133 Datasheet HTML 17Page - Microchip Technology MIC2133 Datasheet HTML 18Page - Microchip Technology MIC2133 Datasheet HTML 19Page - Microchip Technology MIC2133 Datasheet HTML 20Page - Microchip Technology MIC2133 Datasheet HTML 21Page - Microchip Technology MIC2133 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 18
MIC2133
4.0
FUNCTIONAL DESCRIPTION
4.1
Control Architecture
The MIC2133 is an adaptive on-time, dual phase, syn-
chronous step-down DC/DC controller. It is designed to
operate over a wide 8V to 75V input voltage range and
provides a regulated output voltage. An adaptive on-time
control scheme is employed in order to obtain a constant
switching frequency and simplify the control compensa-
tion.
The MIC2133 has a differential remote sense amplifier
with unity gain for sensing output voltage. The differen-
tial remote sense amplifier helps regulate the output
voltage at target level, over the entire load range, by
avoiding parasitic voltage drops on the PCB. The out-
put of the differential amplifier will be used as output
voltage to the controller. The output voltage is sensed
across the MIC2133 device's feedback remote sense
FBS pin and the ground feedback remote sense GFB
pin via the voltage divider, and compared to a 0.6V ref-
erence voltage VREF at a low-gain transconductance
(gm) amplifier. The output of the gm amplifier, Vgm, is,
then, further compared with another 1.2V reference,
VREF_COM, at the error comparator. If the feedback volt-
age decreases and the output of the gm amplifier is
below 1.2V, then the error comparator will trigger the
control logic and generate an on-time period. The
on-time period length is predetermined by the TON1 and
TON2 generation circuitries for Phase 1 and Phase 2,
respectively.
EQUATION 4-1:
The internal logic starts maintaining the same switching
frequency and phasing for each phase (180° for two
phases).
Figure 4-1 shows the MIC2133 control loop timing
during steady-state operation. During steady-state
operation, the gm amplifier senses the feedback volt-
age ripple, which is proportional to the output voltage
ripple and the external ripple from the RIP_INJ pin,
injected to the FBS node at the turn-on instant of each
phase. When the output of the gm error amplifier falls
below the reference voltage, the on-time period is
triggered. The on-time of Phase 1 is determined by the
TON1 generator. The Phase 1 TON1 generator also
includes the current sharing error between phases. The
Phase 1 high-side driver turns on the Phase 1 high-side
FET during TON1.
The Phase 1 high-side FET turn-off instant depends on
both the TON estimation and current sharing error. At
the end of Phase 1 TON1, the internal high-side driver
turns off the Phase 1 high-side FET and the low-side
driver turns on the Phase 1 low-side FET. The Phase 1
off-time period length depends upon the feedback volt-
age error in the next cycle for Phase 1. When the output
of the gm error amplifier falls below the reference volt-
age in the second cycle, the Phase 2 on-time period is
triggered. The on-time of Phase 2 is determined by the
TON2 generator. The Phase 2 TON2 generator also
includes the current sharing error between phases. The
Phase 2 high-side driver turns on the Phase 2 high-side
FET during TON2. The high-side FET turn-off instant
depends on both the TON estimation and current shar-
ing error. At the end of Phase 2 TON2, the internal
high-side driver turns off the Phase 2 high-side FET
and the low-side driver turns on the Phase 2 low-side
FET. The duration of the Phase 2 off-time period
depends upon the feedback voltage error in the next
Phase 2 cycle. The above cycles repeat in a
daisy-chain ring, and both phases support the load cur-
rent alternately and maintain output voltage. In
steady-state operation, TON1 = TON2, TOFF1 = TOFF2
and this way, the resulting phase difference is 180
degrees.
If the off-time period determined by the feedback volt-
age is less than the Minimum Off-Time, TOFF(MIN),
which is about 360 ns, then the MIC2133 control logic
will apply the TOFF(MIN) instead to either phase. The
minimum TOFF(MIN) period is required to maintain
enough energy in the Boost Capacitor (CBST) to drive
the high-side MOSFET.
The maximum duty cycle is obtained from the 360 ns
TOFF(MIN):
EQUATION 4-2:
It is not recommended to use the MIC2133 with
an off-time close to TOFF(MIN) during steady-state
operation. It is recommended that Equation 4-2 be
used to choose the TS for a lower switching frequency
when the DMAX is reached if VIN is very close to VOUT,
knowing that the buck converter duty cycle equals
VOUT divided by VIN.
The actual on-time and the resulting switching
frequency will vary with the part-to-part variation in the
rise and fall times of the external MOSFETs, the output
load current and the variations in the VDD voltage. Also,
the minimum TON results in a lower switching
frequency in high VIN to VOUT applications, such as
28V to 1.0V.
TON EST

VOUT
VIN fSW
-----------------------
=
Where:
VOUT = Output Voltage
VIN = Power Stage Input Voltage
fSW = Switching Frequency of Each Phase
DMAX
TS TOFF MIN

–
TS
--------------------------------------
1
360 ns
TS
---------------
–
==
Where:
TS =1/fSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com