Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2133 Datasheet(PDF) 37 Page - Microchip Technology

Part # MIC2133
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MIC2133 Datasheet HTML 33Page - Microchip Technology MIC2133 Datasheet HTML 34Page - Microchip Technology MIC2133 Datasheet HTML 35Page - Microchip Technology MIC2133 Datasheet HTML 36Page - Microchip Technology MIC2133 Datasheet HTML 37Page - Microchip Technology MIC2133 Datasheet HTML 38Page - Microchip Technology MIC2133 Datasheet HTML 39Page - Microchip Technology MIC2133 Datasheet HTML 40Page - Microchip Technology MIC2133 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 37
MIC2133
low-side power MOSFET in each phase channel is
mainly contributed by the conduction loss, and there is
no switching loss for the low-side MOSFET in buck
converter because the body diode of the low-side
MOSFET is forward biased before the turn-on and after
the turn-off of the low-side MOSFET, and this makes
the voltage across the low-side MOSFET just equal to
the body diode forward voltage during the turn-on and
turn-off transition.
Apart from the conduction loss, the low-side MOSFET
body diode forward conduction loss, body diode
reverse recovery loss and low-side MOSFET output
capacitance discharge loss also contributed to the
power dissipation in the low-side power MOSFET in
each phase channel.
The low-side MOSFET body diode forward conduction
loss during dead time is calculated by the equation
below.
EQUATION 5-32:
The low-side MOSFET body diode reverse recovery
loss is calculated by the equation below.
EQUATION 5-33:
The low-side MOSFET output capacitance discharge loss
can be calculated in the equation below.
EQUATION 5-34:
The total power dissipation of the low-side power MOS-
FET in each phase channel is estimated in the equation
below.
EQUATION 5-35:
Low-side MOSFETs can be accidentally turned on by
the high dV/dt signal at the switching node; therefore, it
is recommended that low-side MOSFETs with a high
CGS/CGD ratio and low internal gate resistance be cho-
sen to minimize the effect of dV/dt inducted turn-on.
5.5
Bootstrap Capacitor
The MIC2133 device’s high-side gate drive circuits are
designed to switch the N-Channel external MOSFETs.
The MIC2133 “Functional Block Diagram” shows two
internal bootstrap diodes and each one is between the
PVDD and BST pins of each phase channel. These cir-
cuits supply energy to the high-side gate drive circuits,
with one for each phase. It is recommended that a
low-ESR ceramic capacitor be connected between the
BST pin and the SW pin of each phase channel (refer
to the “Typical Application Circuit”). The bootstrap
capacitors between the BST and SW pins, CBST1 and
CBST2, are charged while the respective low-side
MOSFET is turned on. When the respective high-side
MOSFET driver is turned on, energy from CBSTx is
used to turn the MOSFET on. A minimum of 0.1 μF
low-ESR ceramic capacitor is recommended between
the BSTx and SWx pins. The required value of CBSTx
can be calculated using the equation below.
EQUATION 5-36:
5.6
Setting Output Voltage
The MIC2133 requires two resistors to set the output
voltage, as shown in the figure below.
FIGURE 5-3:
Voltage-Divider
Configuration.
PBDDT LS

2IOUT MAX

n
------------------------------------ V
FBD

tDT
fSW
=
Where:
VF(BD) = Forward Voltage of Low-Side MOSFET
Body Diode
tDT = Dead Time, which is about 20 ns
PBDQRR LS

VIN MAX

QRR BDLS

fSW
=
Where:
QRR(BDLS) = Reverse Recovery Charge of Low-Side
MOSFET Body Diode
PCOSS LS

0.5 COSS LS
 VIN MAX


2
fSW
=
Where:
COSS(LS) = Low-Side MOSFET Output Capacitance
PDLS

PCOND LS
 PBDDT LS
 PBDQRR LS
 PCOSS LS

++
+
=
CBSTx
QGHS

V
CBSTx
----------------------
=
Where:
QG(HS) = Gate Charge of High-Side MOSFET in
Each Phase
∆VCBSTx = Delta Voltage Drop Across CBST in Each
Phase, Generally 50 mV to 100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com