Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2133 Datasheet(PDF) 44 Page - Microchip Technology

Part # MIC2133
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MIC2133 Datasheet HTML 40Page - Microchip Technology MIC2133 Datasheet HTML 41Page - Microchip Technology MIC2133 Datasheet HTML 42Page - Microchip Technology MIC2133 Datasheet HTML 43Page - Microchip Technology MIC2133 Datasheet HTML 44Page - Microchip Technology MIC2133 Datasheet HTML 45Page - Microchip Technology MIC2133 Datasheet HTML 46Page - Microchip Technology MIC2133 Datasheet HTML 47Page - Microchip Technology MIC2133 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 44
MIC2133
5(&200(1'(' /$1' 3$77(51
'LPHQVLRQ /LPLWV
8QLWV
&
2SWLRQDO &HQWHU 3DG :LGWK
&RQWDFW3DG6SDFLQJ
2SWLRQDO &HQWHU3DG /HQJWK
&RQWDFW3LWFK
<
;


0,//,0(7(56
 %6&
0,1
(
0$;

&RQWDFW3DG/HQJWK ;
&RQWDFW3DG:LGWK ;
<
;


120



&
&RQWDFW3DG6SDFLQJ

&RQWDFW3DGWR&RQWDFW 3DG ;
*

7KHUPDO 9LD 'LDPHWHU
9
7KHUPDO 9LD 3LWFK
(9


%6&%DVLF'LPHQVLRQ7KHRUHWLFDOO\ H[DFWYDOXH VKRZQ ZLWKRXWWROHUDQFHV
1RWHV
'LPHQVLRQLQJDQGWROHUDQFLQJ SHU $60( <0
)RUEHVWVROGHULQJUHVXOWVWKHUPDO YLDVLIXVHGVKRXOGEHILOOHG RU WHQWHGWRDYRLGVROGHUORVVGXULQJ
UHIORZ SURFHVV


)RUWKHPRVWFXUUHQWSDFNDJHGUDZLQJVSOHDVHVHHWKH0LFURFKLS3DFNDJLQJ6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
1RWH
&RQWDFW3DGWR&HQWHU 3DG ;
*

0LFURFKLS7HFKQRORJ\'UDZLQJ &5HY$
&
&
(9
(9
;
<
(
;
<
*
*
‘9
6,/. 6&5((1
/HDG9HU\7KLQ4XDG)ODW1R/HDG3DFNDJH 4/$  [[PP%RG\>94)1@
:LWKPP([SRVHG 3DG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com