Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2133 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2133
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2133 Datasheet HTML 1Page - Microchip Technology MIC2133 Datasheet HTML 2Page - Microchip Technology MIC2133 Datasheet HTML 3Page - Microchip Technology MIC2133 Datasheet HTML 4Page - Microchip Technology MIC2133 Datasheet HTML 5Page - Microchip Technology MIC2133 Datasheet HTML 6Page - Microchip Technology MIC2133 Datasheet HTML 7Page - Microchip Technology MIC2133 Datasheet HTML 8Page - Microchip Technology MIC2133 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 4
MIC2133
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
VIN to AGND................................................................................................................................................ -0.3V to +76V
VDD, OUTS to AGND .................................................................................................................................... -0.3V to +6V
PVDD to PGND.............................................................................................................................................. -0.3V to +6V
EN to AGND..................................................................................................................................... -0.3V to (VIN + 0.3V)
SW1, SW2, CSP1, CSP2 to PGND ................................................................................................. -0.3V to (VIN + 0.3V)
BST1 to SW1, BST2 to SW2 .......................................................................................................................... -0.3V to 6V
DH1 to SW1, DH2 to SW2 ............................................................................................. VSW1,2 – 0.3V to VBST1,2 + 0.3V
ILIM, FREQ, SS, RIP_INJ, FBS, DROOP, PG, CSH, PSH, TEMP, DR to AGND ........................... -0.3V to (VDD + 0.3V)
EXTVDD to AGND ...................................................................................................................................... -0.3V to +14V
CSN1, CSN2, GFB, PGND to AGND......................................................................................................... -0.3V to +0.3V
Maximum Junction Temperature (TJ).................................................................................................................... +150°C
Storage Temperature (TS).......................................................................................................................-65°C to +150°C
Lead Temperature (TLEAD).................................................................................................................................... +300°C
ESD Rating(1) (HBM) ..............................................................................................................................................2000V
ESD Rating(1) (MM)...................................................................................................................................................200V
ESD Rating(1) (CDM) ..............................................................................................................................................2000V
Operating Ratings‡
Supply Voltage (VIN) ......................................................................................................................................... 8V to 75V
PVDD, VDD Pin Voltage ................................................................................................................................. 4.5V to 5.5V
OUTS Pin Voltage......................................................................................................................................... 0.6V to 5.5V
EXTVDD Pin Voltage ........................................................................................................................................ 0V to 13V
SW1, SW2, CSP1, CSP2 Pin Voltage ................................................................................................................0V to VIN
ILIM, FREQ, SS, RIP_INJ, FBS, DROOP, PG, CSH, PSH, TEMP, DR to AGND ............................................. 0V to VDD
DL1, DL2 to AGND............................................................................................................................................ 0V to VDD
DH1 to SW1, DH2 to SW2 ................................................................................................................................ 0V to VDD
Enable Input Voltage (VEN) .................................................................................................................................0V to VIN
Junction Temperature (TJ)...................................................................................................................... -40°C to +125°C
Note 1: Specification for packaged product only.
2: PD(MAX) = (TJ(MAX) – TA)/JA, where JA depends upon the printed circuit layout.
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
‡Notice: The device is not ensured to function outside its operating ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com