Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2133 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC2133
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC2133 Datasheet HTML 4Page - Microchip Technology MIC2133 Datasheet HTML 5Page - Microchip Technology MIC2133 Datasheet HTML 6Page - Microchip Technology MIC2133 Datasheet HTML 7Page - Microchip Technology MIC2133 Datasheet HTML 8Page - Microchip Technology MIC2133 Datasheet HTML 9Page - Microchip Technology MIC2133 Datasheet HTML 10Page - Microchip Technology MIC2133 Datasheet HTML 11Page - Microchip Technology MIC2133 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 8
MIC2133
Phase Shedding
Phase Shedding Exit Threshold
VPSH_EXIT
170
244
300
mV
VPSH = 0.96V, VDROOP ramp-up
(Note 3)
Phase Shedding Entry Threshold
VPSH_ENTRY
135
195
240
mV
VPSH = 0.96V, VDROOP
ramp-down (Note 3)
DROOP High-to-Low Transition
Time
tTRAN_HL
30
µs
MIC2133 sheds the secondary;
moving VPSH_TH from high to
0 mV, the delay of the action is
measured
PSH Current
IPSH
9
10
11
µA
PSH Current Tempco
TCIPSH
0
ppm/ºC Note 2
Output Overvoltage Protection (DR)
OVP Threshold
VOVP_TH
0.64
0.67
0.7
V
OVP is activated after UVLO
goes high and VFBS soft start
OVP Deglitch Timer
tDEGLITCH
—12
µs
DR Output High RDSON
RON_DRH
—30
IDR = 10 mA
DR Output Low RDSON
RON_DRL
—25
IDR = 10 mA
DR Rise Time
tR_DR
160
ns
CLOAD = 1 nF (Note 2)
Temperature Sense
Thermal Sense Gain
GTS
—6
mV/°C —
Thermal Sense Offset Voltage
VOS_TS
—1.8
V
VIN = VDD = 5V (Note 2)
Thermal Sense Nonlinearity
TSNL
±6
°C
TEMP = -40°C to +125°C,
ensured by design and
measured at characterization
Thermal Shutdown
Thermal Shutdown Threshold
TSD
160
°C
TJ Rising (Note 2)
Thermal Shutdown Hysteresis
TSD_HYS
—20
°C
Note 2
ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
Electrical Characteristics: VIN =12V; VOUT =5V; fSW = 500 kHz/phase; VBST – VSW =5V; TA = +25°C; unless noted.
Boldface values indicate -40°C ≤ TJ ≤ +125°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.
2: Ensured by design and characterization. Not production tested.
3: Measured in Test mode.
4: The maximum duty cycle is limited by the fixed mandatory off-time of typically 360 ns.
5: Limited by maximum junction temperature TJ = +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com