Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2133 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC2133
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC2133 Datasheet HTML 12Page - Microchip Technology MIC2133 Datasheet HTML 13Page - Microchip Technology MIC2133 Datasheet HTML 14Page - Microchip Technology MIC2133 Datasheet HTML 15Page - Microchip Technology MIC2133 Datasheet HTML 16Page - Microchip Technology MIC2133 Datasheet HTML 17Page - Microchip Technology MIC2133 Datasheet HTML 18Page - Microchip Technology MIC2133 Datasheet HTML 19Page - Microchip Technology MIC2133 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 16
MIC2133
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in the following table.
TABLE 3-1:
PIN FUNCTION TABLE
Pin
Number
Symbol
Description
1
CSN2
Current Sense Return pin for Phase 2. Connect Kelvin connection from the low-side FET
source to CSN2 to avoid ground drops due to high current.
2
CSP2
Current Sense Positive pin for Phase 2. Connect Kelvin connection from the low-side FET
drain to CSP2 to avoid ground drops due to high current.
3
CSN1
Current Sense Return pin for Phase 1. Connect Kelvin connection from the low-side FET
source to CSN1 to avoid ground drops due to high current.
4
CSP1
Current Sense Positive pin for Phase 1. Connect Kelvin connection from the low-side FET
drain to CSP1 to avoid ground drops due to high current.
5
ILIM
Current Limit Adjust Input pin. Connect a resistor from ILIM to AGND to set the current limit.
Refer to Section 4.5.4 “Current Limit” for more details. Both channels share the same
current limit threshold.
6
CSH
Average Current Sense Voltage Output pin. Used for current sharing; see Section 4.5.1
“Current Balancing between Phases”, Section 4.5.11 “Adaptive Voltage Positioning
(AVP), Also Known as Droop Function (Recommended for CCM Only)” and
Section 4.5.13 “Telemetry Knobs”. Connect 100 pF from CSH to AGND.
7
EN
Active-High Enable Input pin. 75V compatible with 1.2V precise threshold. Pull EN to GND to
disable the buck converter output. Connect to VIN for always-on operation. EN can be used
for power sequencing and as a UVLO adjustment input. For a precision UVLO, put an
appropriate sized resistor divider from VIN to AGND and tie the midpoint to the EN pin.
8
VIN
Input Voltage to Controller pin. Connect to VIN through 1.21Ω resistor. Connect 1 µF
capacitor from this pin to PGND.
9
VDD
5V LDO Output pin. Bias supply for the MIC2133 control logic circuit. Connect a minimum
2.2 µF low-ESR ceramic capacitor from VDD to AGND.
10
AGND
Analog Ground pin. Reference node for all control logic circuits inside the MIC2133.
Connect AGND to PGND at one point.
11
EXTVDD
Auxiliary LDO Input pin. Connect to a supply higher than 4.7V (typ.) to bypass the internal
high-voltage 5V LDO or leave unconnected/connect to ground when the EXTVDD pin is
not used. Connect a 2.2 µF low-ESR ceramic capacitor between EXTVDD and AGND.
EXTVDD can be connected to an external supply.
12
PSH
Phase Shedding Threshold Programming pin. Connect a resistor from PSH to AGND. The
voltage drop across the resistor decides the phase shedding threshold.
13
TEMP
Die Junction Temperature Sense Output pin from Internal Diode. Connect a 1 µF capacitor
from the TEMP pin to AGND.
14
OUTS
Output Voltage Sense pin. It is required to connect the OUTS pin to output through a 10 kΩ
resistor and decouple to ground with a 100 nF capacitor for VOUT ≤ 5V. For VOUT > 5V, it is
required to connect the OUTS pin through a resistive divider from VOUT to AGND. The
OUTS pin will set the correct frequency adaptive to output voltage.
15
DR
Gate Driver Output pin for Output OVP Discharge MOSFET. One single event of overvoltage
over the OVP upper threshold for a duration longer than 12 µs sets DR = High. The
MIC2133 has to be restarted by EN or VIN cycling.
16
BST1
Phase 1 Bootstrap Capacitor Connection pin. BST1 pin is the supply voltage input for the
Phase 1 high-side MOSFET driver. Connect a 0.1 µF low-ESR ceramic capacitor between
the BST1 pin and the SW1 pin.
17
DH1
Phase 1 High-Side Gate Driver Output pin. Connect DH1 to the Phase 1 high-side
MOSFET gate.
18
SW1
Phase 1 Switch Node Output pin. Connect one terminal of the Phase 1 inductor to the
SW1 node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com