Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2133 Datasheet(PDF) 40 Page - Microchip Technology

Part # MIC2133
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MIC2133 Datasheet HTML 36Page - Microchip Technology MIC2133 Datasheet HTML 37Page - Microchip Technology MIC2133 Datasheet HTML 38Page - Microchip Technology MIC2133 Datasheet HTML 39Page - Microchip Technology MIC2133 Datasheet HTML 40Page - Microchip Technology MIC2133 Datasheet HTML 41Page - Microchip Technology MIC2133 Datasheet HTML 42Page - Microchip Technology MIC2133 Datasheet HTML 43Page - Microchip Technology MIC2133 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 40
MIC2133
6.0
PCB LAYOUT GUIDELINES
PCB layout is critical to achieve reliable, stable and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power,
signal and return paths. Use star ground technique
between AGND and PGND, and minimize the trace
length for high-current paths.
Follow these guidelines to ensure proper operation of
the MIC2133 two-phase buck converter.
6.1
Integrated Circuit
• The 2.2 µF ceramic capacitor, which is connected
to the VDD pin, must be located right at the IC.
The VDD pin is very noise-sensitive, so the
placement of the capacitor is critical. Use wide
traces to connect to the VDD, PVDD and PGND
pins.
• Connect a 2.2 µF ceramic capacitor to the
EXTVDD pin, which must be located right at the IC.
• Connect the Analog Ground (AGND) pin directly
to the ground planes. Do not route the AGND pin
to the PGND pad on the top layer.
• Use thick traces and minimize trace length for the
input and output power lines.
• Keep the analog and power grounds separate and
connected at only one location.
6.2
Input Capacitor
• Use parallel input capacitors to minimize effective
ESR and ESL of the input capacitor.
• Place input capacitors next to the high-side power
MOSFETs for each phase channel.
• Place the input capacitors on the same side of the
board and as close to the IC as possible.
• Connect the VIN supply to the VIN pin through a
1.2Ω resistor and connect a 1 µF ceramic
capacitor from the VIN pin to the PGND pin. Keep
both the VIN pin and PGND connections short.
• Place several vias to the ground plane, close to
the input capacitors’ ground terminal.
• Use either X7R or X5R dielectric input capacitors.
Do not use Y5V or Z5U-type capacitors.
• Do not replace the ceramic input capacitor with
any other type of capacitor. Any type of capacitor
can be placed in parallel with the input capacitor.
• In hot-plug applications, use an electrolytic
bypass capacitor to limit the overvoltage spike
seen on the input supply when power is suddenly
applied.
6.3
Inductor
• Keep the inductor connection to the Switch node
(SW1, SW2) short.
• Do not route any digital lines underneath or close
to the inductor.
• Keep the Switch node (SW1, SW2) away from the
Feedback (FBS) pin.
• Connect the CSPx and CSNx pins directly to the
drain and source of the low-side power MOSFET,
respectively, and route the CSP and CSN traces
together for each phase channel to accurately
sense the voltage across the low-side MOSFET
to achieve accurate current sensing.
• To minimize noise, place a ground plane under
the inductor.
• The inductor can be placed on the opposite side of
the PCB with respect to the IC. It is recommended
that there be sufficient vias on the power traces to
conduct high current between the inductor, and
the IC and output load. It does not matter whether
the IC or inductor is on the top or bottom as long
as there is enough heatsink and air flow to keep
the power components within their temperature
limits. Place the input and output capacitors on the
same side of the board as the IC.
6.4
Output Capacitor
• Use a wide trace to connect the output capacitor
ground terminal to the input capacitor ground terminal.
• It is recommended that the feedback trace be
separate from the power trace and connected as
close as possible to the output capacitor. Sensing a
long high-current load trace can degrade the DC
load regulation.
6.5
MOSFETs
• MOSFET gate drive traces must be short and
wide. It is recommended that the ground plane be
the connection between the MOSFET source and
PGND.
• Choose a low-side MOSFET with a high CGS/CGD
ratio and a low internal gate resistance to
minimize the effect of dV/dt inducted turn-on.
• Use a 4.5V rated VGS MOSFET. Its higher gate
threshold voltage is more immune to glitches than
a 2.5V or 3.3V-rated MOSFET.
6.6
VOUT Remote Sense
• The remote sense traces must be routed close
together or on adjacent layers to minimize noise
pickup. It is recommended that the traces be
routed away from the switch node, inductors,
MOSFETs and other high dV/dt or di/dt sources.
6.7
RC Snubber
• Place the RC snubber on either side of the board
and as close to the SW pin as possible.
Note:
To minimize EMI and output noise, follow
these layout recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com