Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2133 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC2133
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC2133 Datasheet HTML 13Page - Microchip Technology MIC2133 Datasheet HTML 14Page - Microchip Technology MIC2133 Datasheet HTML 15Page - Microchip Technology MIC2133 Datasheet HTML 16Page - Microchip Technology MIC2133 Datasheet HTML 17Page - Microchip Technology MIC2133 Datasheet HTML 18Page - Microchip Technology MIC2133 Datasheet HTML 19Page - Microchip Technology MIC2133 Datasheet HTML 20Page - Microchip Technology MIC2133 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 17
MIC2133
19
DL1
Phase 1 Low-Side Gate Driver Output pin. Connect DL1 to the Phase 1 low-side
MOSFET gate.
20
PGND
Power Ground pin. PGND is the return path for the low-side MOSFET current and for the
low-side MOSFET driver. Connect all the PGND pins together and connect to the power
ground plane.
21
PVDD
PVDD is Supply pin for Low-Side MOSFET Driver. Connect to VDD through 2.2Ω series
resistor. Connect a minimum 4.7 µF low-ESR ceramic capacitor from PVDD to PGND.
22
DL2
Phase 2 Low-Side Gate Driver Output pin. Connect DL2 to Phase 2 low-side MOSFET gate.
23
SW2
Phase 2 Switch Node Output pin. Connect one terminal of the Phase 2 inductor to the
SW2 node.
24
DH2
Phase 2 High-Side Gate Driver Output pin. Connect DH2 to the Phase 2 high-side
MOSFET gate.
25
BST2
Phase 2 Bootstrap Capacitor Connection pin. The BST2 pin is the supply voltage input for
the phase 2 high-side MOSFET driver. Connect a 0.1 µF low-ESR ceramic capacitor
between the BST2 pin and the SW2 pin.
26
PG
Open-Drain Power Good Output pin. PG is pulled to ground when the output voltage is
below 80% of the target voltage. Pull-up to VDD through a 10 kΩ resistor to set logic to a
high level when the output voltage is above 90% of the target voltage.
27
RIP_INJ
Ripple Injection Node pin. Connect series RC network from the RIP_INJ pin to FBS for
injecting sufficient ripple for stable operation. Also connect a preposition resistor from this pin
to AGND to set the RIP_INJ pin voltage to its steady-state value.
28
FBS
Remote Feedback Input pin. Connect to midpoint of a resistor divider from output voltage to
GFB to set the desired output voltage.
29
GFB
Ground Feedback Remote Sense pin. Connect Kelvin sense directly across the output
capacitor ground through the low-side FB resistor ground connection.
30
SS
Soft Start Adjustment pin. Connect a capacitor from the SS pin to AGND to adjust soft start
time. See more details in Section 4.5.7 “Soft Start”.
31
FREQ
Frequency Programming Input pin. Connect to ground through resistor set to the same
switching frequency for each phase.
32
DROOP
Analog Output DROOP pin. This pin is for implementing the “Adaptive Voltage Positioning”
feature. Connect a resistor from the DROOP pin to the feedback resistor divider. The
DROOP voltage is proportional with inductor current for load currents greater than 0A.
—
EP
Exposed Pad pin. Connect it to AGND.
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
Pin
Number
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com