Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2133 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2133
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2133 Datasheet HTML 1Page - Microchip Technology MIC2133 Datasheet HTML 2Page - Microchip Technology MIC2133 Datasheet HTML 3Page - Microchip Technology MIC2133 Datasheet HTML 4Page - Microchip Technology MIC2133 Datasheet HTML 5Page - Microchip Technology MIC2133 Datasheet HTML 6Page - Microchip Technology MIC2133 Datasheet HTML 7Page - Microchip Technology MIC2133 Datasheet HTML 8Page - Microchip Technology MIC2133 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 1
MIC2133
Features
• Input Voltage Range: 8V to 75V
• Input Down to 2V when VDD = 5V from External
Supply
• Adjustable Output Voltage from 0.6V to 28V
• Adaptive Constant On-Time Control:
- High Delta V operation
- Any Capacitor™ stable
• 0.6V Internal Reference with ±1% Accuracy
• Ripple Injection from Third Node Allows Greater
than 50% Duty Cycles
• HyperLight Load® and Automatic Phase Shedding
• Ability to Interface with External MCU
• Accurate Current Balancing Between Phases
• Accurate 180° Phasing of Outputs
• 100 kHz to 1 MHz Switching Frequency per Phase
• High-Voltage Internal 5V LDO for Single-Supply
Operation
• Secondary LDO to Improve System Efficiency
• Supports Start-up to Pre-Bias Output
• Remote Sense Amplifier for Tight Output Regulation
• Droop Feature to Support Adaptive Voltage
Positioning (AVP) for Improved Load
Transient Response
• Precision Enable Function for Low Standby Current
• External Programmable Soft Start to Reduce
Inrush Current
• Lossless RDSON Current Sensing with NTC
Temperature Compensation or Resistor Sensing
Method
• Programmable Current Limit and Hiccup Mode
Short-Circuit Protection
• Thermal Shutdown with Hysteresis
• -40°C to +125°C Junction Temperature Range
• Compact Size 5 mm x 5 mm, 32-Pin VQFN
Package
• AEC-Q100 Qualified (VAO Suffix)
Applications
• Distributed Power Systems
• Communications/Networking Infrastructure
• Printers, Scanners, Graphic and Video Cards
• FPGA, CPU, Memory, GPU Core Supplies
• Automotive POL
General Description
The MIC2133 is a constant on-time, dual phase,
synchronous buck controller featuring a unique adaptive
on-time control architecture with HyperLight Load and
phase shedding features enabled. The MIC2133 oper-
ates over an input supply range from 8V to 75V. The out-
put voltage is adjustable down to 0.6V with an ensured
accuracy of ±1% at the FBS pin. The device operates
with programmable switching frequency from 100 kHz to
1 MHz per phase.
The Hyper Speed Control architecture supports an ultra-
fast transient response under medium to heavy loads.
The soft start is also programmable externally with a
capacitor, thus, enabling safe start-ups into heavy loads.
The MIC2133 has a remote sense amplifier for accurate
output voltage control.
MIC2133 offers a full suite of protection features to
ensure protection of the IC during Fault conditions.
These include undervoltage lockout to ensure proper
operation, programmable soft start to reduce inrush cur-
rent, overvoltage discharge, Hiccup mode short-circuit
protection and thermal shutdown.
MIC2133 is available in a 5 mm x 5 mm, 32-pin VQFN
package with a -40°C to +125°C operating junction
temperature range.
Package Type
*Includes Exposed Thermal Pad (EP); see Table 3-1.
MIC2133
32-Pin 5 mm x 5 mm VQFN* (ML)
AGND
75V Dual Phase, Advanced COT Buck Controller with
Selectable Droop Feature and Phase Shedding


Similar Part No. - MIC2133

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2130 MICREL-MIC2130 Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-1YML MICREL-MIC2130-1YML Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-1YTSE MICREL-MIC2130-1YTSE Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-4YML MICREL-MIC2130-4YML Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-4YTSE MICREL-MIC2130-4YTSE Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
More results

Similar Description - MIC2133

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6611A INTERSIL-ISL6611A_13 Datasheet
230Kb / 14P
Phase Doubler with Integrated Drivers and Phase Shedding Function
August 28, 2012
ISL6336DIRZ INTERSIL-ISL6336DIRZ Datasheet
777Kb / 30P
VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
October 6, 2014
ISL6611ACRZ INTERSIL-ISL6611ACRZ Datasheet
227Kb / 14P
Phase Doubler with Integrated Drivers and Phase Shedding Function
August 28, 2012
ISL6617CRZ INTERSIL-ISL6617CRZ Datasheet
633Kb / 15P
PWM Doubler with Phase Shedding Function and Output Monitoring Feature
February 4, 2010
logo
Renesas Technology Corp
ISL6611A RENESAS-ISL6611A Datasheet
672Kb / 14P
Phase Doubler with Integrated Drivers and Phase Shedding Function
ISL6617 RENESAS-ISL6617 Datasheet
825Kb / 15P
PWM Doubler with Phase Shedding Function and Output Monitoring Feature
ISL6334D RENESAS-ISL6334D Datasheet
1Mb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
ISL6388 RENESAS-ISL6388 Datasheet
166Kb / 2P
Advanced Linear EAPP Digital 6-Phase Green PWM Controller for Digital Power Management With NVM and AUTO Phase Shedding
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com