Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2133 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC2133
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC2133 Datasheet HTML 15Page - Microchip Technology MIC2133 Datasheet HTML 16Page - Microchip Technology MIC2133 Datasheet HTML 17Page - Microchip Technology MIC2133 Datasheet HTML 18Page - Microchip Technology MIC2133 Datasheet HTML 19Page - Microchip Technology MIC2133 Datasheet HTML 20Page - Microchip Technology MIC2133 Datasheet HTML 21Page - Microchip Technology MIC2133 Datasheet HTML 22Page - Microchip Technology MIC2133 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 19
MIC2133
FIGURE 4-1:
Steady-State Operation (FB
Ripple Shows Injected and ESR Ripple Only,
Reactive Impedances Neglected).
Figure 4-2 shows the operation of the MIC2133 during
load transient. The output voltage drops due to the sud-
den load increase, which causes the VFBS to decrease
and the output voltage of the gm amplifier, Vgm, to be
less than VREF_COM. This will cause the error compar-
ator to trigger an on-time period. At the end of the
on-time period, a Minimum Off-Time, TOFF(MIN), is gen-
erated to charge CBST because the feedback voltage is
still below VREF. Then, the next on-time period is trig-
gered and applies DMAX due to the low feedback volt-
age. Therefore, the switching frequency changes
during the load transient to deliver DMAX and zero duty
cycle when the high-current load disappears for both
phases, but returns to the nominal fixed frequency
once the output has stabilized at the new load current
level. With the varying duty cycle and switching fre-
quency, the output recovery time is fast and the output
voltage deviation is small in the MIC2133 converter.
The phases will overlap during load transient until the
output voltage error is corrected. The transient
response is shown in Figure 4-3.
FIGURE 4-2:
MIC2133 Load Transient
Response Timing.
FIGURE 4-3:
MIC2133 Load Transient
Response.
Unlike true Current-mode control, the MIC2133 uses
the output voltage ripple to trigger an on-time period.
The output voltage ripple is proportional to the inductor
current ripple if the ESR of the output capacitor is large
enough. To meet the stability requirements, the
MIC2133 feedback voltage ripple must be in phase with
the inductor current ripple, and large enough to be
sensed by the gm amplifier and the error comparator.
The recommended feedback voltage ripple is 20 mV ~
100 mV. If a low-ESR output capacitor is selected, then
the feedback voltage ripple may be too small to be
sensed by the gm amplifier and the error comparator.
Also, the output voltage ripple and the feedback volt-
age ripple are not necessarily in phase with the induc-
tor current ripple if the ESR of the output capacitor is
very low. In these cases, ripple injection is required to
ensure proper operation.
IOUT= IL1+ IL2
VOUT(PP)=ESRCOUT X
IO(PP)
VOUT
Vgm
VREF_COM
VDH1
VDH2
TRIGGER ON TIME IF Vgm IS BELOW VREF_COM
ESTIMATED ON TIME
IO(PP)
IOUT
PHASE 2
PHASE 1
RIP_INJ
IL(PP)
VFB(PP)
IL1, IL2
FULL LOAD
IOUT
VOUT
Vgm
VREF_COM
VDH
TOFFMIN
NO LOAD
DMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com