Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2133 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC2133
Description  75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2133 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC2133 Datasheet HTML 18Page - Microchip Technology MIC2133 Datasheet HTML 19Page - Microchip Technology MIC2133 Datasheet HTML 20Page - Microchip Technology MIC2133 Datasheet HTML 21Page - Microchip Technology MIC2133 Datasheet HTML 22Page - Microchip Technology MIC2133 Datasheet HTML 23Page - Microchip Technology MIC2133 Datasheet HTML 24Page - Microchip Technology MIC2133 Datasheet HTML 25Page - Microchip Technology MIC2133 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006653B-page 22
MIC2133
Calculate CINJ using the following equation.
EQUATION 4-12:
Using too low a CINJ may result in oscillations at the
beginning of the soft start. These oscillations can be
reduced either by using a higher CINJ or COUT by
reducing the feedback ripple.
4.5
Detailed Device Description
4.5.1
CURRENT BALANCING BETWEEN
PHASES
One important benefit of the two-phase operation is the
thermal advantage gained by distributing the heat over
multiple devices and a greater PCB area. By doing this,
the system designer avoids the complexity of driving
parallel MOSFETs and the expense of using expensive
heatsinks.
To accomplish the thermal advantage, it is important
that each phase carries the same amount of current at
any load level. In the MIC2133, both phase currents are
sensed across a low-side MOSFET, RDS(ON), during
off-time. The low-side MOSFET current is tracked
during off-time and held close to peak value in the val-
ley point. The average current information is generated
by summing all the phases’ sensed currents and divid-
ing by the number of phases (two for two phases). An
error current per phase is generated by making the dif-
ference between the average current information and
each phase current, which is used to modulate TON1
and TON2 to cancel the error in the current sharing.
FIGURE 4-6:
MIC2133 Current Sharing
Circuit.
4.5.2
HyperLight Load (HLL) MODE
The
MIC2133
always
operates
in
Continuous
Conduction Mode (CCM) and both phases support the
load current equally at high loads. To operate the system
at a higher efficiency, the MIC2133 will shed the Phase 2
when the load current drops below the programmed
threshold level, below the full load current value. In CCM
mode, the inductor current can go negative at light loads.
However, at light loads, the MIC2133 is able to force the
inductor current to operate in Discontinuous Conduction
Mode (DCM) when it operates in HLL mode. In HLL
mode, the efficiency is optimized by shutting down all the
non-essential circuits and minimizing the supply current.
The MIC2133 wakes up and turns on the high-side
MOSFET when the Feedback Voltage, VFBS, drops and
Vgm is below VREF_COM (1.2V).
The MIC2133 has a Zero-Crossing (ZC Detection)
comparator that monitors the inductor current by sens-
ing the voltage drop across the low-side MOSFET
during its on-time. If Vgm > VREF_COM and the inductor
current goes slightly negative, the MIC2133 automati-
cally powers down most of the IC circuitry and goes into
a Low-Power mode.
Once the MIC2133 goes into DCM mode, both the
high-side and low-side MOSFETs are kept in the OFF
state. Then, the load current is supplied by the output
capacitors and VOUT drops. If the load current is suffi-
ciently large, the drop of VOUT causes VFBS to drop and
Vgm to go below VREF_COM (1.2V), and the high-side
MOSFET is turned on for TON. Then, at the end of the
TON period, the low-side MOSFET is turned on for TOFF
until the next TON starts because the inductor current
during the low-side MOSFET on-time is larger than
zero. Then, the cycle repeats and all the circuits
wake-up into normal CCM mode. The following figure
shows the control loop timing in DCM mode.
During DCM mode, the bias current of most circuits is
reduced. As a result, the total power supply current
during DCM mode is only about 400 µA, allowing the
MIC2133 to achieve high efficiency in light load appli-
cations.
CINJ
CFF
ESRCOUT
2
fCO L
-------------------------------------
VOUT
5V 100 ns
fSW
-------------------------------------------
=
SW1
CSN1
VIN
DL1
DH1
L1
MIC2133
SW2
CSN2
VIN
DL2
DH2
L2
CSP1
CSP2
TON1
GENERATOR
CSH
DROOP
SAMPLE TRACK
& HOLD
SAMPLE TRACK
& HOLD
+
+
+
8
+
1.2V
0.5
CONTROL
LOGIC
TON2
GENERATOR
OUTS
OUTS
ITON1
ITON2
PHASE1
DRIVER
CONTROL
LOGIC
PHASE2
DRIVER
CONTROL
LOGIC
ADAPTABLE
TON
CONTROL
FREQ
VIN
ITON2
+
8
VOUT
OUTS
OUTS
+
1
+
1
+120mV
+120mV
+
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com