Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 248 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 248 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 243Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 244Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 245Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 246Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 247Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 248Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 249Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 250Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 251Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 248 / 251 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4226636/A 03/2021
www.ti.com
FCBGA - 2.57 mm max height
BALL GRID ARRAY
ALZ0770A
A
0.15 C
0.25
C A B
0.10
C
B
SYMM
SYMM
23.1
22.9
23.1
22.9
( 22.60)
( 18.60)
( 18.60)
BALL A1 CORNER
0.2 C
(0.67)
0.5
0.3 TYP
0.2 C
(1.4)
2.57
2.37
C
21.6 TYP
21.6
TYP
(0.7) TYP
(0.7) TYP
0.8 TYP
0.8 TYP
PIN 1 ID
(OPTIONAL)
770 X Ø0.55
0.45
1
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com