Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TDA4VE...ALZQ1 Datasheet HTML 1Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 2Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 3Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 4Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 5Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 6Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 7Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 8Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 251 page
background image
TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
1 Features
Processor cores:
• Two C7x floating point, vector DSP, up to 1.0 GHz,
160 GFLOPS, 512 GOPS
• Deep-learning matrix multiply accelerator (MMA),
up to 8 TOPS (8b) at 1.0 GHz
• Vision Processing Accelerators (VPAC) with Image
Signal Processor (ISP) and multiple vision assist
accelerators
• Depth and Motion Processing Accelerators
(DMPAC)
• Dual 64-bit Arm® Cortex®-A72 microprocessor
subsystem at up to 2 GHz
– 1MB shared L2 cache per dual-core Cortex®-
A72 cluster
– 32KB L1 DCache and 48KB L1 ICache per
Cortex®-A72 core
• Up to Six Arm® Cortex®-R5F MCUs at up to 1.0
GHz
– 16K I-Cache, 16K D-Cache, 64K L2 TCM
– Two Arm® Cortex®-R5F MCUs in isolated MCU
subsystem
– Four (TDA4VE) or Two (TDA4AL/TDA4VL)
Arm® Cortex®-R5F MCUs in general compute
partition
• GPU IMG BXS-64-4, 256kB Cache, up to 800
MHz, 50 GFLOPS, 4 GTexels/s (TDA4VE and
TDA4VL)
• Custom-designed interconnect fabric supporting
near max processing entitlement
Memory subsystem:
• Up to 4MB of on-chip L3 RAM with ECC and
coherency
– ECC error protection
– Shared coherent cache
– Supports internal DMA engine
• Up to Two External Memory Interface (EMIF)
modules with ECC
– Supports LPDDR4 memory types
– Supports speeds up to 4266 MT/s
– Two (TDA4VE) or One (TDA4AL/TDA4VL) 32-
bit data bus with inline ECC up to 17 GB/s per
EMIF
• General-Purpose Memory Controller (GPMC)
• One (TDA4AL/TDA4VL) or Two (TDA4VE) 512KB
on-chip SRAM in MAIN domain, protected by ECC
Functional Safety:
• Functional Safety-Compliant targeted (on select
part numbers)
• Developed for functional safety applications
• Documentation available to aid ISO 26262
functional safety system design up to ASIL-D/SIL-3
targeted
• Systematic capability up to ASIL-D/SIL-3 targeted
• Hardware integrity up to ASIL-D/SIL-3 targeted for
MCU Domain
• Hardware integrity up to ASIL-B/SIL-2 targeted for
Main Domain
• Hardware integrity up to ASIL-D/SIL-3 targeted
for Extended MCU (EMCU) portion of the Main
Domain
• Safety-related certification
– ISO 26262 planned
Device security (on select part numbers):
• Secure boot with secure runtime support
• Customer programmable root key, up to RSA-4K
or ECC-512
• Embedded hardware security module
• Crypto hardware accelerators – PKA with ECC,
AES, SHA, RNG, DES and 3DES
High speed serial interfaces:
• One PCI-Express® (PCIe) Gen3 controllers
– Up to four lanes per controller
– Gen1 (2.5GT/s), Gen2 (5.0GT/s), and Gen3
(8.0GT/s) operation with auto-negotiation
• One USB 3.0 dual-role device (DRD) subsystem
– Enhanced SuperSpeed Gen1 Port
– Supports Type-C switching
– Independently configurable as USB host, USB
peripheral, or USB DRD
• Two CSI2.0 4L RX plus Two CSI2.04L TX
Automotive interfaces:
• Twenty Modular Controller Area Network (MCAN)
modules with full CAN-FD support
Display subsystem:
• One (TDA4AL/TDA4VL) or Two (TDA4VE) DSI 4L
TX (up to 2.5K)
• One eDP 4L (TDA4VE/TDA4VL)
• One DPI
Audio interfaces:
• Five Multichannel Audio Serial Port (MCASP)
modules
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TDA4VE...ALZQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA4VEN TI-TDA4VEN Datasheet
4Mb / 236P
TDA4VEN, TDA4AEN Jacinto™ Processors
SEPTEMBER 2024
TDA4VEN TI-TDA4VEN Datasheet
4Mb / 236P
TDA4VEN, TDA4AEN Jacinto™ Processors
SEPTEMBER 2024
TDA4VEN-Q1 TI1-TDA4VEN-Q1 Datasheet
4Mb / 234P
TDA4VEN, TDA4AEN Jacinto™ Processors
MARCH 2024
TDA4VEN-Q1 TI-TDA4VEN-Q1 Datasheet
4Mb / 236P
TDA4VEN, TDA4AEN Jacinto™ Processors
SEPTEMBER 2024
TDA4VEN-Q1 TI-TDA4VEN-Q1 Datasheet
4Mb / 236P
TDA4VEN, TDA4AEN Jacinto™ Processors
SEPTEMBER 2024
More results

Similar Description - TDA4VE...ALZQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
Sitara Processors Silicon Revision 1.0
DRA829V TI1-DRA829V Datasheet
3Mb / 309P
DRA829V Jacinto??Automotive Processors Silicon Revision 1.0
TDA4VM TI1-TDA4VM Datasheet
3Mb / 311P
TDA4VM Jacinto??Automotive Processors for ADAS and Autonomous Vehicles Silicon Revision 1.0
AM6548 TI1-AM6548_V01 Datasheet
3Mb / 277P
Processors Silicon Revision 1.0
AM68A TI-AM68A Datasheet
4Mb / 251P
AM68Ax Processors, Silicon Revision 1.0
FEBRUARY 2023
AM69A TI-AM69A Datasheet
5Mb / 299P
AM69Ax Processors, Silicon Revision 1.0
Revision 1.0 FEBRUARY 2023
DRA821U-Q1 TI-DRA821U-Q1_V01 Datasheet
4Mb / 254P
DRA821 Jacinto™ Processors
REVISED DECEMBER 2022
AM69A TI1-AM69A_V01 Datasheet
5Mb / 300P
AM69x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
AM68A TI1-AM68A_V01 Datasheet
4Mb / 253P
AM68x Processors, Silicon Revision 1.0
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com