Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 13 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 9Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 10Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 11Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 12Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 13Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 14Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 15Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 16Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
R4
DDR0_CKE1
DDR0_CKE1
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
V5
DDR0_CSn0_0
DDR0_CSn0_0
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
W5
DDR0_CSn0_1
DDR0_CSn0_1
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
T5
DDR0_CSn1_0
DDR0_CSn1_0
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
U6
DDR0_CSn1_1
DDR0_CSn1_1
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
H5
DDR0_DM0
DDR0_DM0
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
M3
DDR0_DM1
DDR0_DM1
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
U4
DDR0_DM2
DDR0_DM2
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
AD1
DDR0_DM3
DDR0_DM3
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
F3
DDR0_DQ0
DDR0_DQ0
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
G4
DDR0_DQ1
DDR0_DQ1
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
F5
DDR0_DQ2
DDR0_DQ2
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
F1
DDR0_DQ3
DDR0_DQ3
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
J4
DDR0_DQ4
DDR0_DQ4
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
H3
DDR0_DQ5
DDR0_DQ5
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
J2
DDR0_DQ6
DDR0_DQ6
IO
1.1 V
VDDS_DDR /
VDDS_DDR_C
0
DDR
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com