Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 3Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 4Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 5Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 6Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 7Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 8Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 9Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 10Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 251 page
background image
Table 5-1. Device Comparison (continued)
FEATURES(6)
REFERENCE NAME
TDA4VE88
TDA4AL88
TDA4VL21
Multichannel Audio Serial Port
MCASP0
16 Serializers
16 Serializers
16 Serializers
MCASP1
5 Serializers
5 Serializers
5 Serializers
MCASP2
5 Serializers
5 Serializers
5 Serializers
MCASP3
3 Serializers
3 Serializers
3 Serializers
MCASP4
5 Serializers
5 Serializers
5 Serializers
MultiMedia Card/ Secure Digital Interface
MMCSD0
eMMC (8-bits)
eMMC (8-bits)
eMMC (8-bits)
MMCSD1
SD/SDIO (4-bits)
SD/SDIO (4-bits)
SD/SDIO (4-bits)
Universal Flash Storage
UFS 2L
No
No
No
Flash Subsystem (FSS)
OSPI0
8-bits
(5)
8-bits
(5)
8-bits
(5)
OSPI1(7)
4-bits
4-bits
4-bits
HyperBus
Yes(5)
Yes(5)
Yes(5)
4x PCI Express Port with Integrated PHY
PCIE0
Up to Four Lanes(4)
Up to Four Lanes(4)
Up to Four Lanes(4)
Hyperlink
HYP
No(9)
No(9)
No(9)
Gigabit Ethernet Interface
MCU
1x RGMII or RMII
1x RGMII or RMII
1x RGMII or RMII
Main
1x RGMII or RMII
1x RGMII or RMII
1x RGMII or RMII
General-Purpose Timers
TIMER
30
30
30
Enhanced High Resolution Pulse-Width
Modulator Module
eHRPWM
6
6
6
Enhanced Capture Module
eCAP
3
3
3
Enhanced Quadrature Encoder Pulse Module eQEP
3
3
3
Universal Asynchronous Receiver and
Transmitter
UART
12
12
12
Universal Serial Bus (USB3.1) SuperSpeed
Dual-Role-Device (DRD) Ports with SS PHY
USB0
Yes(4)
Yes(4)
Yes(4)
(1)
Safety features including R5F Lockstep and SIL/ASIL ratings are only applicable to select part number variants as indicated by the
Device Type (Y) identifier in the Table 10-1, Nomenclature Description table.
(2)
Device security features including Secure Boot and Customer Programmable Keys are applicable to select part number variants as
indicated by the Device Type (Y) identifier in the Table 10-1, Nomenclature Description table
(3)
AEC-Q100 qualification is applicable to select part number variants as indicated by the Automotive Designator (Q1) identifier in the
Table 10-1, Nomenclature Description table
(4)
USB3.0 and PCIE share a total of four SerDes lanes.
(5)
Two simultaneous flash interfaces configured as OSPI0 and OSPI1, or HyperBus and OSPI1.
(6)
J721S2 is the base part number for the superset device. Software should constrain the features used to match the intended production
device.
(7)
OSPI1 module only pins out 4 pins and is referred to as QSPI in some contexts.
(8)
Part number variants with DDRSS1 as "No" should not use the DDR1_* pins. The DDR1_* pins should be connected as recommended
in the section titled "Connections for Unused Pins"
(9)
Hyperlink is not supported on this SoC. System designs should not use the signals HYP_*, HYP0_*, HYP1_*.
(10) Part number variants with DSI 4L TX as "1" can only use the DSI0 interface for DSI functionality. DSI1* balls can still be used for CSI1
functionality.
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com