Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 50 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 46Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 47Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 48Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 49Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 50Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 51Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 52Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 53Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
AH26
SPI0_D1
PADCFG:
PADCONFIG_55
0x4301C0DC
SPI0_D1
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
LVCMOS
No
MCASP3_AXR2
3
IO
EHRPWM4_A
5
IO
GPIO0_55
7
IO
UART2_TXD
11
O
A25
TCK
PADCFG:
WKUP_PADCONFIG_73
0x4301C124
TCK
0
I
1.8 V/3.3 V
On / NA / Up
On / Off / Up
0
VDDSHV0_MC
U
LVCMOS
No
AG28
TDI
PADCFG:
PADCONFIG_69
0x4301C114
TDI
0
I
1.8 V/3.3 V
On / Off / Up
On / Off / Up
0
VDDSHV0
LVCMOS
No
AE26
TDO
PADCFG:
PADCONFIG_70
0x4301C118
TDO
0
OZ
1.8 V/3.3 V
Off / Off / Up
Off / SS / Up
0
VDDSHV0
LVCMOS
No
AE25
TIMER_IO0
PADCFG:
PADCONFIG_58
0x4301C0E8
TIMER_IO0
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
LVCMOS
No
ECAP1_IN_APWM_OUT
1
IO
SYSCLKOUT0
2
O
UART3_RXD
5
I
PCIE1_CLKREQn
6
IO
GPIO0_58
7
IO
MMC1_SDCD
8
I
MCAN13_TX
9
O
I2C6_SDA
13
IOD
AG25
TIMER_IO1
PADCFG:
PADCONFIG_59
0x4301C0EC
TIMER_IO1
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
LVCMOS
No
ECAP2_IN_APWM_OUT
1
IO
OBSCLK0
2
O
UART3_TXD
5
O
USB0_DRVVBUS
6
O
GPIO0_59
7
IO
MMC1_SDWP
8
I
MCAN13_RX
9
I
I2C6_SCL
13
IOD
OBSCLK0
15
O
AG27
TMS
PADCFG:
PADCONFIG_71
0x4301C11C
TMS
0
I
1.8 V/3.3 V
On / Off / Up
On / Off / Up
0
VDDSHV0
LVCMOS
No
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
50
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com