Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 55 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 51Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 52Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 53Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 54Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 55Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 56Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 57Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 58Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
N18, N21,
N23, N3, N7,
P15, P17,
P19, P22, P6,
P9, R10, R14,
R16, R18,
R23, R26,
R7, T11, T13,
T15, T17,
T19, T2, T22,
T4, T6, T9,
U12, U14,
U16, U20,
U23, U3, U5,
U7, V10, V15,
V17, V2, V21,
V24, V4, V6,
V8, W1, W11,
W12, W14,
W16, W18,
W20, W22,
W26, W3,
W6, W9, Y10,
Y13, Y15,
Y17, Y19, Y2,
Y21, Y23, Y4,
Y6
D26
WKUP_GPIO0_0
PADCFG:
WKUP_PADCONFIG_48
0x4301C0C0
MCU_SPI1_CLK
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
MCU_SPI1_CLK
1
IO
WKUP_GPIO0_0
7
IO
MCU_BOOTMODE03
BOOTST
RAP
I
E24
WKUP_GPIO0_1
PADCFG:
WKUP_PADCONFIG_49
0x4301C0C4
MCU_SPI1_D0
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
MCU_SPI1_D0
1
IO
WKUP_GPIO0_1
7
IO
MCU_BOOTMODE04
BOOTST
RAP
I
C28
WKUP_GPIO0_2
PADCFG:
WKUP_PADCONFIG_50
0x4301C0C8
MCU_SPI1_D1
0
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
MCU_SPI1_D1
1
IO
WKUP_GPIO0_2
7
IO
MCU_BOOTMODE05
BOOTST
RAP
I
C27
WKUP_GPIO0_3
PADCFG:
WKUP_PADCONFIG_51
0x4301C0CC
MCU_SPI1_CS0
0
IO
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0_MC
U
LVCMOS
Yes
MCU_SPI1_CS0
1
IO
WKUP_GPIO0_3
7
IO
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com