Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 71 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 67Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 68Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 69Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 70Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 71Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 72Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 73Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 74Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 251 page
background image
Table 6-46. MCSPI6 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
SPI6_D1
IO
SPI Data 1
R28
Table 6-47. MCSPI7 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
SPI7_CLK
IO
SPI Clock
AC28
SPI7_CS0
IO
SPI Chip Select 0
Y26
SPI7_CS1
IO
SPI Chip Select 1
Y27
SPI7_CS2
IO
SPI Chip Select 2
AA27
SPI7_CS3
IO
SPI Chip Select 3
V23
SPI7_D0
IO
SPI Data 0
U28
SPI7_D1
IO
SPI Data 1
T27
6.3.7.2 MCU Domain
Table 6-48. MCU_MCSPI0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_SPI0_CLK
IO
SPI Clock
B27
MCU_SPI0_CS0
IO
SPI Chip Select 0
B26
MCU_SPI0_CS1
IO
SPI Chip Select 1
A20, C25
MCU_SPI0_CS2
IO
SPI Chip Select 2
B24, C21
MCU_SPI0_CS3
IO
SPI Chip Select 3
C23
MCU_SPI0_D0
IO
SPI Data 0
D24
MCU_SPI0_D1
IO
SPI Data 1
B25
Table 6-49. MCU_MCSPI1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_SPI1_CLK
IO
SPI Clock
D26
MCU_SPI1_CS0
IO
SPI Chip Select 0
C27
MCU_SPI1_CS1
IO
SPI Chip Select 1
C24, G20
MCU_SPI1_CS2
IO
SPI Chip Select 2
C20, D25
MCU_SPI1_CS3
IO
SPI Chip Select 3
F26
MCU_SPI1_D0
IO
SPI Data 0
E24
MCU_SPI1_D1
IO
SPI Data 1
C28
6.3.8 UART
6.3.8.1 MAIN Domain
Table 6-50. UART0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
UART0_CTSn
I
UART Clear to Send (active low)
R22, V27
UART0_DCDn
I
UART Data Carrier Detect (active low)
AC24
UART0_DSRn
I
UART Data Set Ready (active low)
AE28
UART0_DTRn
O
UART Data Terminal Ready (active low)
AF28
UART0_RIn
I
UART Ring Indicator
AD25
UART0_RTSn
O
UART Request to Send (active low)
AF26, P23, W27
UART0_RXD
I
UART Receive Data
V28
UART0_TXD
O
UART Transmit Data
T28
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com