Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 42 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 38Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 39Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 40Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 41Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 42Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 43Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 44Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 45Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
F21
MCU_RGMII1_TXC
PADCFG:
WKUP_PADCONFIG_32
0x4301C080
MCU_RGMII1_TXC
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
MCU_RMII1_TX_EN
1
O
WKUP_GPIO0_46
7
IO
F22
MCU_RGMII1_TX_CTL
PADCFG:
WKUP_PADCONFIG_26
0x4301C068
MCU_RGMII1_TX_CTL
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
MCU_RMII1_CRS_DV
1
I
WKUP_GPIO0_40
7
IO
B22
MCU_RGMII1_RD0
PADCFG:
WKUP_PADCONFIG_37
0x4301C094
MCU_RGMII1_RD0
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
MCU_RMII1_RXD0
1
I
WKUP_GPIO0_51
7
IO
B21
MCU_RGMII1_RD1
PADCFG:
WKUP_PADCONFIG_36
0x4301C090
MCU_RGMII1_RD1
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
MCU_RMII1_RXD1
1
I
WKUP_GPIO0_50
7
IO
C22
MCU_RGMII1_RD2
PADCFG:
WKUP_PADCONFIG_35
0x4301C08C
MCU_RGMII1_RD2
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
MCU_TIMER_IO5
1
IO
WKUP_GPIO0_62
7
IO
D23
MCU_RGMII1_RD3
PADCFG:
WKUP_PADCONFIG_34
0x4301C088
MCU_RGMII1_RD3
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
MCU_TIMER_IO4
1
IO
WKUP_GPIO0_48
7
IO
F23
MCU_RGMII1_TD0
PADCFG:
WKUP_PADCONFIG_31
0x4301C07C
MCU_RGMII1_TD0
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
MCU_RMII1_TXD0
1
O
WKUP_GPIO0_45
7
IO
G22
MCU_RGMII1_TD1
PADCFG:
WKUP_PADCONFIG_30
0x4301C078
MCU_RGMII1_TD1
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
MCU_RMII1_TXD1
1
O
WKUP_GPIO0_44
7
IO
E21
MCU_RGMII1_TD2
PADCFG:
WKUP_PADCONFIG_29
0x4301C074
MCU_RGMII1_TD2
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
MCU_TIMER_IO3
1
IO
MCU_ADC_EXT_TRIGGER1
3
I
WKUP_GPIO0_43
7
IO
E22
MCU_RGMII1_TD3
PADCFG:
WKUP_PADCONFIG_28
0x4301C070
MCU_RGMII1_TD3
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV2_MC
U
LVCMOS
No
MCU_TIMER_IO2
1
IO
MCU_ADC_EXT_TRIGGER0
3
I
WKUP_GPIO0_42
7
IO
J23
MCU_SAFETY_ERRORn
PADCFG:
WKUP_PADCONFIG_69
0x4301C114
MCU_SAFETY_ERRORn
0
IO
1.8 V
Off / Off / Down
On / SS / Down
0
VDDA_WKUP
LVCMOS
No
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com