Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 80 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 76Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 77Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 78Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 79Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 80Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 81Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 82Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 83Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 251 page
background image
Table 6-87. DSI0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
DSI0_TXP3
O
DSI Transmit (positive)
AD14
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
Table 6-88. DSI1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
DSI1_TXCLKN
O
DSI Transmit clock (negative)
AH16
DSI1_TXCLKP
O
DSI Transmit clock (positive)
AH17
DSI1_TXRCALIB(1)
A
DSI Transmit Calibration Resistor
AC15
DSI1_TXN0
IO
DSI Transmit (negative)
AG15
DSI1_TXN1
O
DSI Transmit (negative)
AF16
DSI1_TXN2
O
DSI Transmit (negative)
AE15
DSI1_TXN3
O
DSI Transmit (negative)
AD16
DSI1_TXP0
IO
DSI Transmit (positive)
AG16
DSI1_TXP1
O
DSI Transmit (positive)
AF17
DSI1_TXP2
O
DSI Transmit (positive)
AE16
DSI1_TXP3
O
DSI Transmit (positive)
AD17
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
6.3.20 CSI
6.3.20.1 MAIN Domain
Table 6-89. CSI0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
CSI0_RXCLKN
I
CSI Differential Receive Clock Input (negative)
AH19
CSI0_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AH20
CSI0_RXRCALIB(1)
A
CSI Pin connected to external resistor for on-chip
resistor calibration
AC18
CSI0_TXCLKN
O
CSI Differential Transmit Clock Output (negative)
AH13
CSI0_TXCLKP
O
CSI Differential Transmit Clock Output (positive)
AH14
CSI0_RXN0
I
CSI Differential Receive Input (negative)
AG18
CSI0_RXN1
I
CSI Differential Receive Input (negative)
AF19
CSI0_RXN2
I
CSI Differential Receive Input (negative)
AE18
CSI0_RXN3
I
CSI Differential Receive Input (negative)
AD19
CSI0_RXP0
I
CSI Differential Receive Input (positive)
AG19
CSI0_RXP1
I
CSI Differential Receive Input (positive)
AF20
CSI0_RXP2
I
CSI Differential Receive Input (positive)
AE19
CSI0_RXP3
I
CSI Differential Receive Input (positive)
AD20
CSI0_TXN0
O
CSI Differential Transmit Output (negative)
AG12
CSI0_TXN1
O
CSI Differential Transmit Output (negative)
AF13
CSI0_TXN2
O
CSI Differential Transmit Output (negative)
AE12
CSI0_TXN3
O
CSI Differential Transmit Output (negative)
AD13
CSI0_TXP0
O
CSI Differential Transmit Output (positive)
AG13
CSI0_TXP1
O
CSI Differential Transmit Output (positive)
AF14
CSI0_TXP2
O
CSI Differential Transmit Output (positive)
AE13
CSI0_TXP3
O
CSI Differential Transmit Output (positive)
AD14
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
80
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com