Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 65 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 61Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 62Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 63Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 64Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 65Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 66Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 67Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 68Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 251 page
background image
Table 6-9. WKUP_GPIO0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
WKUP_GPIO0_37
IO
General Purpose Input/Output
A20
WKUP_GPIO0_38
IO
General Purpose Input/Output
D20
WKUP_GPIO0_39
IO
General Purpose Input/Output
C21
WKUP_GPIO0_40
IO
General Purpose Input/Output
F22
WKUP_GPIO0_41
IO
General Purpose Input/Output
E23
WKUP_GPIO0_42
IO
General Purpose Input/Output
E22
WKUP_GPIO0_43
IO
General Purpose Input/Output
E21
WKUP_GPIO0_44
IO
General Purpose Input/Output
G22
WKUP_GPIO0_45
IO
General Purpose Input/Output
F23
WKUP_GPIO0_46
IO
General Purpose Input/Output
F21
WKUP_GPIO0_47
IO
General Purpose Input/Output
D22
WKUP_GPIO0_48
IO
General Purpose Input/Output
D23
WKUP_GPIO0_49
IO
General Purpose Input/Output
K26
WKUP_GPIO0_50
IO
General Purpose Input/Output
B21
WKUP_GPIO0_51
IO
General Purpose Input/Output
B22
WKUP_GPIO0_52
IO
General Purpose Input/Output
A22
WKUP_GPIO0_53
IO
General Purpose Input/Output
A21
WKUP_GPIO0_54
IO
General Purpose Input/Output
B27
WKUP_GPIO0_55
IO
General Purpose Input/Output
D24
WKUP_GPIO0_56
IO
General Purpose Input/Output
G27
WKUP_GPIO0_57
IO
General Purpose Input/Output
J26
WKUP_GPIO0_58
IO
General Purpose Input/Output
D28
WKUP_GPIO0_59
IO
General Purpose Input/Output
D27
WKUP_GPIO0_60
IO
General Purpose Input/Output
E27
WKUP_GPIO0_61
IO
General Purpose Input/Output
E28
WKUP_GPIO0_62
IO
General Purpose Input/Output
C22
WKUP_GPIO0_63
IO
General Purpose Input/Output
H24
WKUP_GPIO0_64
IO
General Purpose Input/Output
H27
WKUP_GPIO0_65
IO
General Purpose Input/Output
G24
WKUP_GPIO0_66
IO
General Purpose Input/Output
G25
WKUP_GPIO0_67
IO
General Purpose Input/Output
J27
WKUP_GPIO0_68
IO
General Purpose Input/Output
A23
WKUP_GPIO0_69
IO
General Purpose Input/Output
B25
WKUP_GPIO0_70
IO
General Purpose Input/Output
B26
WKUP_GPIO0_71
I
General Purpose Input/Output
L25
WKUP_GPIO0_72
I
General Purpose Input/Output
K25
WKUP_GPIO0_73
I
General Purpose Input/Output
M24
WKUP_GPIO0_74
I
General Purpose Input/Output
L24
WKUP_GPIO0_75
I
General Purpose Input/Output
L27
WKUP_GPIO0_76
I
General Purpose Input/Output
K24
WKUP_GPIO0_77
I
General Purpose Input/Output
M27
WKUP_GPIO0_78
I
General Purpose Input/Output
M26
WKUP_GPIO0_79
I
General Purpose Input/Output
P25
WKUP_GPIO0_80
I
General Purpose Input/Output
R25
WKUP_GPIO0_81
I
General Purpose Input/Output
P28
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com