Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 99 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 95Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 96Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 97Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 98Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 99Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 100Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 101Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 102Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 251 page
background image
7.1 Absolute Maximum Ratings (continued)
over operating free-air temperature range (unless otherwise noted) (1) (2)
PARAMETER
MIN
MAX
UNIT
VDDA_TEMP_2
Analog supply for temperature sensor 2
-0.3
2.2
V
VDDA_TEMP_3
Analog supply for temperature sensor 3
–0.3
2.2
V
VDDA_TEMP_4
Analog supply for temperature sensor 4
–0.3
2.2
V
VDDA_OSC1
HFOSC1 supply
–0.3
2.2
V
VDDS_DDR
DDR interface power supply
–0.3
1.2
V
VDDS_DDR_C0
IO power for DDR0 Memory Clock Bit (MCB) macro
–0.3
1.2
V
VDDS_DDR_C1
IO power for DDR1 Memory Clock Bit (MCB) macro
–0.3
1.2
V
VDDS_MMC0
MMC0 IO supply
–0.3
2.2
V
VDDSHV0_MCU
IO supply MCUSS general IO
group, and MCU and MAIN
domain warm reset pins
1.8 V
–0.3
2.2
V
3.3 V
–0.3
3.8
VDDSHV0
IO supply for MAIN domain
general
1.8 V
–0.3
2.2
V
3.3 V
–0.3
3.8
VDDSHV1_MCU
IO supply for MCUSS IO group 1
1.8 V
–0.3
2.2
V
3.3 V
–0.3
3.8
VDDSHV2_MCU
IO supply for MCUSS IO group 2
1.8 V
–0.3
2.2
V
3.3 V
–0.3
3.8
VDDSHV2
IO supply for MAIN domain IO
group 2
1.8 V
–0.3
2.2
V
3.3 V
–0.3
3.8
VDDSHV5
IO supply for MAIN domain IO
group 5
1.8 V
–0.3
2.2
V
3.3 V
–0.3
3.8
VPP_CORE
Supply voltage range for CORE EFUSE domain
–0.3
1.89
V
VPP_MCU
Supply voltage range for MCU EFUSE domain
–0.3
1.89
V
USB0_VBUS(8)
Voltage range for USB VBUS comparator input
–0.3
3.6
V
Steady State Max. Voltage at all fail-safe IO pins
I2C0_SCL,
I2C0_SDA,
WKUP_I2C0_SCL,
WKUP_I2C0_SDA,
MCU_I2C0_SCL,
MCU_I2C0_SDA,
EXTINTn
–0.3
3.8
V
MCU_PORz, PORz
–0.3
3.8
V
Steady State Max. Voltage at all other IO pins(3)
VMON1_ER_VSYS,
VMON3_IR_VEXT1P
8,
VMON4_IR_VEXT1P
8,
–0.3
2.2
V
VMON2_IR_VCPU,
VMON6_IR_VEXT0P
8(7)
–0.3
1.05
VMON5_IR_VEXT3P
3(7)
–0.3
3.8
All other IO pins
–0.3 IO supply voltage + 0.3
V
Transient Overshoot and Undershoot specification at IO pin
20% of IO supply
voltage for up to 20%
of signal period
(see Figure 7-1,
IO Transient Voltage
Ranges)
0.2 × VDD(6)
V
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com