Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 101 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 97Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 98Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 99Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 100Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 101Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 102Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 103Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 104Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 251 page
background image
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
SUPPLY NAME(2)
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
VDD_CORE
Boot/Active voltage for MAIN domain core supply
0.76
0.8
0.84
V
VDD_MCU
Boot/Active voltage for MCUSS core supply
0.76
0.8
0.89
V
VDD_CPU
Boot voltage for CPU core supply, applied at cold
power up event
0.76
0.8
0.84
V
Active voltage for CPU core supply, after AVS mode
enabled in software
AVS
(5)-5%
AVS
(5)
AVS
(5)+5%
V
VDD_CPU AVS Range
AVS valid voltage range for VDD_CPU
0.6
0.9
V
VDD_MCU_WAKE1
Core supply for MCU WAKE function
0.76
0.8
0.89
V
VDD_WAKE0
Core suply for MAIN domain WAKE function
0.76
0.8
0.89
V
VDDA_0P8_DLL_MMC0
MMC PLL analog supply
0.76
0.8
0.84
V
VDDAR_CORE
Main domain RAM supply
0.81
0.85
0.89
V
VDDAR_MCU
MCUSS RAM supply
0.81
0.85
0.89
V
VDDAR_CPU
CPU RAM supply
0.81
0.85
0.89
V
VDDA_0P8_DSITX
DSITX clock supply
0.76
0.8
0.84
V
VDDA_0P8_DSITX_C
DSITX clock supply
0.76
0.8
0.84
V
VDDA_0P8_CSIRX0_1
CSIRX analog supply low
0.76
0.8
0.84
V
VDDA_0P8_SERDES0_1
SERDES0-1 analog supply low
0.76
0.8
0.84
V
VDDA_0P8_SERDES_C0_1
SERDES0-1 clock supply
0.76
0.8
0.84
V
VDDA_0P8_USB
USB0-1 0.8v analog supply
0.76
0.8
0.84
V
VDDA_0P8_PLL_DDR0
DDR0 PLL analog supply low
0.76
0.8
0.84
V
VDDA_0P8_PLL_DDR1
DDR1 PLL analog supply low
0.76
0.8
0.84
V
VDDA_1P8_USB
USB0-1 1.8v analog supply
1.71
1.8
1.89
V
VDDA_1P8_DSITX
DSITX analog supply high
1.71
1.8
1.89
V
VDDA_1P8_CSIRX0_1
CSIRX analog supply high
1.71
1.8
1.89
V
VDDA_1P8_SERDES0_1
SERDES0-1 analog supply high
1.71
1.8
1.89
V
VDDA_1P8_SERDES2_4
SERDES2-4 analog supply high
1.71
1.8
1.89
V
VDDA_3P3_USB
USB0-1 3.3v analog supply
3.14
3.3
3.46
V
VDDA_MCU_PLLGRP0
Analog supply for MCU PLL Group 0
1.71
1.8
1.89
V
VDDA_PLLGRP0
Analog supply for Main PLL Group 0
1.71
1.8
1.89
V
VDDA_PLLGRP1
Analog supply for MAIN PLL Group 1
1.71
1.8
1.89
V
VDDA_PLLGRP2
Analog supply for MAIN PLL Group 2
1.71
1.8
1.89
V
VDDA_PLLGRP5
Analog supply for MAIN PLL Group 5 (DDR)
1.71
1.8
1.89
V
VDDA_PLLGRP6
Analog supply for MAIN PLL Group 6
1.71
1.8
1.89
V
VDDA_PLLGRP7
Analog supply for MAIN PLL Group 7
1.71
1.8
1.89
V
VDDA_PLLGRP8
Analog supply for MAIN PLL Group 8
1.71
1.8
1.89
V
VDDA_PLLGRP9
Analog supply for MAIN PLL Group 9
1.71
1.8
1.89
V
VDDA_PLLGRP10
Analog supply for MAIN PLL Group 10
1.71
1.8
1.89
V
VDDA_PLLGRP12
Analog supply for MAIN PLL Group 12
1.71
1.8
1.89
V
VDDA_PLLGRP13
Analog supply for MAIN PLL Group 13
1.71
1.8
1.89
V
VDDA_WKUP
Oscillator supply for wkup domain
1.71
1.8
1.89
V
VDDA_ADC0
ADC analog supply
1.71
1.8
1.89
V
VDDA_ADC1
ADC analog supply
1.71
1.8
1.89
V
VDDA_MCU_TEMP
Analog supply for temperature sensor 0 in MCU
domain
1.71
1.8
1.89
V
VDDA_POR_WKUP
WKUP domain analog supply
1.71
1.8
1.89
V
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com