Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TDA4VE...ALZQ1 Datasheet HTML 1Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 2Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 3Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 4Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 5Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 6Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 7Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 8Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 251 page
background image
Video acceleration:
• TDA4VE: H.264/H.265 Encode/Decode (up to 480
MP/s)
• TDA4AL: H.264/H.265 Encode only (up to 480
MP/s)
• TDA4VL: H.264/H.265 Encode/Decode (up to 240
MP/s)
Ethernet:
• Two RMII/RGMII interfaces
Flash memory interfaces:
• Embedded MultiMediaCard Interface ( eMMC™
5.1)
• One Secure Digital® 3.0/Secure Digital Input
Output 3.0 interfaces (SD3.0/SDIO3.0)
• Two simultaneous flash interfaces configured as
– One OSPI or HyperBus™ or QSPI, and
– One QSPI
System-on-Chip (SoC) architecture:
• 16-nm FinFET technology
• 23 mm x 23 mm, 0.8-mm pitch, 770-pin FCBGA
(ALZ)
Companion Power Management ICs (PMIC):
• Functional Safety-Compliant support up to ASIL-
D / SIL-3 targeted
• Flexible mapping to support different use cases
2 Applications
• Advanced Driver Assistance System (ADAS)
• Machine vision
• Industrial transport
• Retail automation
• Surveillance
3 Description
The TDA4VE TDA4AL TDA4VL processor family is based on the evolutionary Jacinto™ 7 architecture, targeted
at Smart Vision Camera applications and built on extensive market knowledge accumulated over a decade
of TI’s leadership in the Vision processor market. The TDA4AL provides high performance compute for both
traditional and deep learning algorithms at industry leading power/performance ratios with a high level of
system integration to enable scalability and lower costs for advanced vision camera applications. Key cores
include next generation DSP with scalar and vector cores, dedicated deep learning and traditional algorithm
accelerators, latest Arm and GPU processors for general compute, an integrated next generation imaging
subsystem (ISP), video codec, and isolated MCU island. All protected by automotive grade safety and security
hardware accelerators.
Key Performance Cores Overview: The “C7x” next generation DSP combines TI’s industry leading DSP and
EVE cores into a single higher performance core and adds floating-point vector calculation capabilities, enabling
backward compatibility for legacy code while simplifying software programming. The new “MMA” deep learning
accelerator enables performance up to 8 TOPS within the lowest power envelope in the industry when operating
at the typical automotive worst case junction temperature of 125°C. The dedicated Vision hardware accelerators
provide vision pre-processing with no impact on system performance.
General Compute Cores and Integration Overview: Separate dual core cluster configuration of Arm®
Cortex®-A72 facilitates multi-OS applications with minimal need for a software hypervisor. Up to four Arm®
Cortex®-R5F subsystems enable low-level, timing critical processing tasks to leave the Arm® Cortex®-A72
core’s unencumbered for applications. Building on the existing world-class ISP, TI’s 7th generation ISP includes
flexibility to process a broader sensor suite, support for higher bit depth, and features targeting analytics
applications. Integrated diagnostics and safety features support operations up to ASIL-D levels while the
integrated security features protect data against modern day attacks. CSI2.0 ports enable multi sensor inputs. To
further the integration, the TDA4VE TDA4AL TDA4VL family also includes an MCU island eliminating the need
for an external system microcontroller.
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com