Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 149 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 149 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 145Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 146Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 147Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 148Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 149Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 150Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 151Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 152Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 251 page
background image
7.10.4.3 PLLs
Power is supplied to the Phase-Locked Loop circuitries (PLLs) by internal regulators that derive power from the
off-chip power-supply.
There are total of three PLLs in the device in WKUP and MCU domains:
• MCU_PLL0 (MCU R5FSS PLL) with WKUP_PLLCTRL0
• MCU_PLL1 (MCU PERIPHERAL PLL)
• MCU_PLL2 (MCU CPSW PLL)
There are total of twenty PLLs in the device in MAIN domain:
• PLL0 (MAIN PLL) with PLLCTRL0
• PLL1 (PER0 PLL)
• PLL2 (PER1 PLL)
• PLL3 (CPSW9G PLL)
• PLL4 (AUDIO0 PLL)
• PLL5 (VIDEO PLL)
• PLL6 (GPU PLL)
• PLL7 (C7x PLL)
• PLL8 (ARM0 PLL)
• PLL12 (DDR PLL)
• PLL13 (C66 PLL)
• PLL14 (R5F PLL)
• PLL15 (AUDIO1 PLL)
• PLL16 (DSS PLL0)
• PLL17 (DSS PLL1)
• PLL18 (DSS PLL2)
• PLL19 (DSS PLL3)
• PLL23 (DSS PLL7)
• PLL24 (MLB PLL)
• PLL25 (VISION PLL)
Note
For more information, see:
• Device Configuration / Clocking / PLLs section in the device TRM.
• Peripherals / Display Subsystem Overview section in the device TRM.
Note
The input reference clock (OSC1_XI/OSC1_XO) is specified and the lock time is ensured by the PLL
controller, as documented in the Device Configuration chapter in the device TRM.
7.10.4.4 Module and Peripheral Clocks Frequencies
Section 7.10.5, Peripherals section documents the maximum frequency associated with the peripheral clocks of
the device.
For more details on the clocking structure of each module, reference Device Configurations chapter in the device
TRM.
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
149
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com