Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 174 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 174 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 170Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 171Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 172Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 173Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 174Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 175Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 176Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 177Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 251 page
background image
GPMC_CLK
GPMC_CSn[i]
GPMC_A[27:17]
GPMC_BE1n
BPMC_BE0n_CLE
GPMC_ADVn_ALE
GPMC_WEn
GPMC_WAIT[j]
Address (LSB)
D 0
D 1
D 2
D 3
F4
F15
F15
F15
F1
F1
F2
F6
F8
F8
F0
F3
F17
F17
F17
F9
F6
F17
F17
F17
F18
F20
F21
F21
GPMC_AD[15:0]
F14
GPMC_05
F22
F22
Address (MSB)
F14
A.
In GPMC_CSn[i], i is equal to 0, 1, 2 or 3.
B.
In GPMC_WAIT[j], j is equal to 0, 1, 2, or 3.
Figure 7-55. GPMC and Multiplexed NOR Flash — Synchronous Burst Write
7.10.5.10.2 GPMC and NOR Flash — Asynchronous Mode
Section 7.10.5.10.2.1 and Section 7.10.5.10.2.2 assume testing over the recommended operating conditions
and electrical characteristic conditions below (see Figure 7-56 through Figure 7-61).
7.10.5.10.2.1 GPMC and NOR Flash Timing Requirements – Asynchronous Mode
NO.
MODE(7)
MIN
MAX UNIT
FA5(1)
tacc(d)
Data access time
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X
1
H(5)
ns
FA20(2) tacc1-pgmode(d)
Page mode successive data access time
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X
1
P(4)
ns
FA21(3) tacc2-pgmode(d)
Page mode first data access time
div_by_1_mode
; GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X
1
H(5)
ns
(1)
The FA5 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active
functional clock edge. FA5 value must be stored inside the AccessTime register bit field.
(2)
The FA20 parameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of
GPMC functional clock cycles. After each access to input page data, next input page data is internally sampled by active functional
clock edge after FA20 functional clock cycles. The FA20 value must be stored in the PageBurstAccessTime register bit field.
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
174
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com