Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VE...ALZQ1 Datasheet(PDF) 225 Page - Texas Instruments

Part # TDA4VE...ALZQ1
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE...ALZQ1 Datasheet(HTML) 225 Page - Texas Instruments

Back Button TDA4VE...ALZQ1 Datasheet HTML 221Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 222Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 223Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 224Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 225Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 226Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 227Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 228Page - Texas Instruments TDA4VE...ALZQ1 Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 251 page
background image
7.10.5.19.2.2 OSPI0 Tap DDR Timing
Table 7-88, Figure 7-104, Table 7-89, and Figure 7-105 present timing requirements and switching
characteristics for OSPI0 Tap DDR Mode.
Table 7-88. OSPI0/1 Timing Requirements – Tap DDR Mode
see Figure 7-104
NO.
MODE
MIN
MAX
UNIT
O13
tsu(D-CLK)
Setup time, OSPI0/1_D[7:0] valid before
active OSPI0/1_CLK edge
No Loopback
(12.04 -
(0.975T(1)R(2)))
ns
O14
th(CLK-D)
Hold time, OSPI0/1_D[7:0] valid after
active OSPI0/1_CLK edge
No Loopback
(1.84 +
(0.975T(1)R(2)))
ns
(1)
T = OSPI_RD_DATA_CAPTURE_REG[DELAY_FLD]
(2)
R = refclk cycle time in ns
OSPI_CLK
O14
O13
OSPI_TIMING_03
OSPI_D[i:0]
O14
O13
Figure 7-104. OSPI0/1 Timing Requirements – Tap DDR, No Loopback
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
225
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com