Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 12Page - NXP Semiconductors MPC855T Datasheet HTML 13Page - NXP Semiconductors MPC855T Datasheet HTML 14Page - NXP Semiconductors MPC855T Datasheet HTML 15Page - NXP Semiconductors MPC855T Datasheet HTML 16Page - NXP Semiconductors MPC855T Datasheet HTML 17Page - NXP Semiconductors MPC855T Datasheet HTML 18Page - NXP Semiconductors MPC855T Datasheet HTML 19Page - NXP Semiconductors MPC855T Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
16
Freescale Semiconductor
Bus Signal Timing
B9
CLKOUT to A(0:31), BADDR(28:30),
RD/WR, BURST, D(0:31), DP(0:3),
TSIZ(0:1), REG, RSV, AT(0:3), PTR High-Z
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B11
CLKOUT to TS, BB assertion
7.58
13.58
6.25
12.25
5.00
11.00
3.80
11.29
ns
B11a
CLKOUT to TA, BI assertion (when driven by
the memory controller or PCMCIA interface)
2.50
9.25
2.50
9.25
2.50
9.25
2.50
9.75
ns
B12
CLKOUT to TS, BB negation
7.58
14.33
6.25
13.00
5.00
11.75
3.80
8.54
ns
B12a
CLKOUT to TA, BI negation (when driven by
the memory controller or PCMCIA interface)
2.50
11.00
2.50
11.00
2.50
11.00
2.50
9.00
ns
B13
CLKOUT to TS, BB High-Z
7.58
21.58
6.25
20.25
5.00
19.00
3.80
14.04
ns
B13a
CLKOUT to TA, BI High-Z (when driven by
the memory controller or PCMCIA interface)
2.50
15.00
2.50
15.00
2.50
15.00
2.50
15.00
ns
B14
CLKOUT to TEA assertion
2.50
10.00
2.50
10.00
2.50
10.00
2.50
9.00
ns
B15
CLKOUT to TEA High-Z
2.50
15.00
2.50
15.00
2.50
15.00
2.50
15.00
ns
B16
TA, BI valid to CLKOUT (setup time)
9.75
—
9.75
—
9.75
—
6.00
—
ns
B16a
TEA, KR, RETRY, CR valid to CLKOUT
(setup time)
10.00
—
10.00
—
10.00
—
4.50
—
ns
B16b
BB, BG, BR, valid to CLKOUT (setup time)5
8.50
—
8.50
—
8.50
—
4.00
—
ns
B17
CLKOUT to TA, TEA, BI, BB, BG, BR valid
(hold time)
1.00
—
1.00
—
1.00
—
2.00
—
ns
B17a
CLKOUT to KR, RETRY, CR valid (hold
time)
2.00
—
2.00
—
2.00
—
2.00
—
ns
B18
D(0:31), DP(0:3) valid to CLKOUT rising
edge (setup time)6
6.00
—
6.00
—
6.00
—
6.00
—
ns
B19
CLKOUT rising edge to D(0:31), DP(0:3)
valid (hold time)6
1.00
—
1.00
—
1.00
—
2.00
—
ns
B20
D(0:31), DP(0:3) valid to CLKOUT falling
edge (setup time)7
4.00
—
4.00
—
4.00
—
4.00
—
ns
B21
CLKOUT falling edge to D(0:31), DP(0:3)
valid (hold time)7
2.00
—
2.00
—
2.00
—
2.00
—
ns
B22
CLKOUT rising edge to CS asserted GPCM
ACS = 00
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B22a
CLKOUT falling edge to CS asserted GPCM
ACS = 10, TRLX = 0
—
8.00
—
8.00
—
8.00
—
8.00
ns
B22b
CLKOUT falling edge to CS asserted GPCM
ACS = 11, TRLX = 0, EBDF = 0
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B22c
CLKOUT falling edge to CS asserted GPCM
ACS = 11, TRLX = 0, EBDF = 1
10.86
17.99
8.88
16.00
7.00
14.13
5.18
12.31
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com