Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 15Page - NXP Semiconductors MPC855T Datasheet HTML 16Page - NXP Semiconductors MPC855T Datasheet HTML 17Page - NXP Semiconductors MPC855T Datasheet HTML 18Page - NXP Semiconductors MPC855T Datasheet HTML 19Page - NXP Semiconductors MPC855T Datasheet HTML 20Page - NXP Semiconductors MPC855T Datasheet HTML 21Page - NXP Semiconductors MPC855T Datasheet HTML 22Page - NXP Semiconductors MPC855T Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
19
Bus Signal Timing
B31a
CLKOUT falling edge to CS valid—as
requested by control bit CST1 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B31b
CLKOUT rising edge to CS valid—as
requested by control bit CST2 in the
corresponding word in UPM
1.50
8.00
1.50
8.00
1.50
8.00
1.50
8.00
ns
B31c
CLKOUT rising edge to CS valid—as
requested by control bit CST3 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.04
ns
B31d
CLKOUT falling edge to CS valid—as
requested by control bit CST1 in the
corresponding word in UPM, EBDF = 1
13.26
17.99
11.28
16.00
9.40
14.13
7.58
12.31
ns
B32
CLKOUT falling edge to BS valid—as
requested by control bit BST4 in the
corresponding word in UPM
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B32a
CLKOUT falling edge to BS valid—as
requested by control bit BST1 in the
corresponding word in UPM, EBDF = 0
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B32b
CLKOUT rising edge to BS valid—as
requested by control bit BST2 in the
corresponding word in UPM
1.50
8.00
1.50
8.00
1.50
8.00
1.50
8.00
ns
B32c
CLKOUT rising edge to BS valid—as
requested by control bit BST3 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B32d
CLKOUT falling edge to BS valid—as
requested by control bit BST1 in the
corresponding word in UPM, EBDF = 1
13.26
17.99
11.28
16.00
9.40
14.13
7.58
12.31
ns
B33
CLKOUT falling edge to GPL valid—as
requested by control bit GxT4 in the
corresponding word in UPM
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B33a
CLKOUT rising edge to GPL valid—as
requested by control bit GxT3 in the
corresponding word in UPM
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B34
A(0:31), BADDR(28:30), and D(0:31) to CS
valid—as requested by control bit CST4 in
the corresponding word in UPM
5.58
—
4.25
—
3.00
—
1.79
—
ns
B34a
A(0:31), BADDR(28:30), and D(0:31) to CS
valid—as requested by control bit CST1 in
the corresponding word in UPM
13.15
—
10.50
—
8.00
—
5.58
—
ns
B34b
A(0:31), BADDR(28:30), and D(0:31) to CS
valid—as requested by control bit CST2 in
the corresponding word in UPM
20.73
—
16.75
—
13.00
—
9.36
—
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com