Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 41Page - NXP Semiconductors MPC855T Datasheet HTML 42Page - NXP Semiconductors MPC855T Datasheet HTML 43Page - NXP Semiconductors MPC855T Datasheet HTML 44Page - NXP Semiconductors MPC855T Datasheet HTML 45Page - NXP Semiconductors MPC855T Datasheet HTML 46Page - NXP Semiconductors MPC855T Datasheet HTML 47Page - NXP Semiconductors MPC855T Datasheet HTML 48Page - NXP Semiconductors MPC855T Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
45
CPM Electrical Characteristics
Figure 43. Parallel I/O Data-In/Data-Out Timing Diagram
11.2
Port C Interrupt AC Electrical Specifications
Table 15 provides the timings for port C interrupts.
Figure 44 shows the port C interrupt detection timing.
Figure 44. Port C Interrupt Detection Timing
11.3
IDMA Controller AC Electrical Specifications
Table 16 provides the IDMA controller timings as shown in Figure 45 through Figure 48.
Table 15. Port C Interrupt Timing
Num
Characteristic
≥ 33.34 MHz1
1 External bus frequency of greater than or equal to 33.34 MHz.
Unit
Min
Max
35
Port C interrupt pulse width low (edge-triggered mode)
55
—
ns
36
Port C interrupt minimum time between active edges
55
—
ns
Table 16. IDMA Controller Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
40
DREQ setup time to clock high
7
—
ns
41
DREQ hold time from clock high
3
—
ns
CLKO
DATA-IN
29
31
30
DATA-OUT
Port C
35
36
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com