Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 55 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 51Page - NXP Semiconductors MPC855T Datasheet HTML 52Page - NXP Semiconductors MPC855T Datasheet HTML 53Page - NXP Semiconductors MPC855T Datasheet HTML 54Page - NXP Semiconductors MPC855T Datasheet HTML 55Page - NXP Semiconductors MPC855T Datasheet HTML 56Page - NXP Semiconductors MPC855T Datasheet HTML 57Page - NXP Semiconductors MPC855T Datasheet HTML 58Page - NXP Semiconductors MPC855T Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
55
CPM Electrical Characteristics
11.7
SCC in NMSI Mode Electrical Specifications
Table 20 provides the NMSI external clock timing.
Table 21 provides the NMSI internal clock timing.
Table 20. NMSI External Clock Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
100
RCLK1 and TCLK1 width high1
1 The ratios SYNCCLK/RCLK1 and SYNCCLK/TCLK1 must be greater than or equal to 2.25/1.
1/SYNCCLK
—
ns
101
RCLK1 and TCLK1 width low
1/SYNCCLK + 5
—
ns
102
RCLK1 and TCLK1 rise/fall time
—
15.00
ns
103
TXD1 active delay (from TCLK1 falling edge)
0.00
50.00
ns
104
RTS1 active/inactive delay (from TCLK1 falling edge)
0.00
50.00
ns
105
CTS1 setup time to TCLK1 rising edge
5.00
—
ns
106
RXD1 setup time to RCLK1 rising edge
5.00
—
ns
107
RXD1 hold time from RCLK1 rising edge2
2 Also applies to CD and CTS hold time when they are used as external sync signals.
5.00
—
ns
108
CD1 setup Time to RCLK1 rising edge
5.00
—
ns
Table 21. NMSI Internal Clock Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
100
RCLK1 and TCLK1 frequency1
1 The ratios SYNCCLK/RCLK1 and SYNCCLK/TCLK1 must be greater than or equal to 3/1.
0.00
SYNCCLK/3
MHz
102
RCLK1 and TCLK1 rise/fall time
—
—
ns
103
TXD1 active delay (from TCLK1 falling edge)
0.00
30.00
ns
104
RTS1 active/inactive delay (from TCLK1 falling edge)
0.00
30.00
ns
105
CTS1 setup time to TCLK1 rising edge
40.00
—
ns
106
RXD1 setup time to RCLK1 rising edge
40.00
—
ns
107
RXD1 hold time from RCLK1 rising edge2
2 Also applies to CD and CTS hold time when they are used as external sync signals.
0.00
—
ns
108
CD1 setup time to RCLK1 rising edge
40.00
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com