Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 20Page - NXP Semiconductors MPC855T Datasheet HTML 21Page - NXP Semiconductors MPC855T Datasheet HTML 22Page - NXP Semiconductors MPC855T Datasheet HTML 23Page - NXP Semiconductors MPC855T Datasheet HTML 24Page - NXP Semiconductors MPC855T Datasheet HTML 25Page - NXP Semiconductors MPC855T Datasheet HTML 26Page - NXP Semiconductors MPC855T Datasheet HTML 27Page - NXP Semiconductors MPC855T Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
24
Freescale Semiconductor
Bus Signal Timing
Figure 9 provides the timing for the input data controlled by the UPM for data beats where DLT3 = 1 in
the UPM RAM words. (This is only the case where data is latched on the falling edge of CLKOUT.)
Figure 9. Input Data Timing when Controlled by UPM in the Memory Controller and DLT3 = 1
Figure 10 through Figure 13 provide the timing for the external bus read controlled by various GPCM
factors.
Figure 10. External Bus Read Timing (GPCM Controlled—ACS = 00)
CLKOUT
TA
D[0:31],
DP[0:3]
B20
B21
CLKOUT
A[0:31]
CSx
OE
WE[0:3]
TS
D[0:31],
DP[0:3]
B11
B12
B23
B8
B22
B26
B19
B18
B25
B28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com