Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 50 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 46Page - NXP Semiconductors MPC855T Datasheet HTML 47Page - NXP Semiconductors MPC855T Datasheet HTML 48Page - NXP Semiconductors MPC855T Datasheet HTML 49Page - NXP Semiconductors MPC855T Datasheet HTML 50Page - NXP Semiconductors MPC855T Datasheet HTML 51Page - NXP Semiconductors MPC855T Datasheet HTML 52Page - NXP Semiconductors MPC855T Datasheet HTML 53Page - NXP Semiconductors MPC855T Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
50
Freescale Semiconductor
CPM Electrical Characteristics
Figure 51. SI Receive Timing Diagram with Normal Clocking (DSC = 0)
84
L1CLK edge to L1CLKO valid (DSC = 1)
—
30.00
ns
85
L1RQ valid before falling edge of L1TSYNC4
1.00
—
L1TCL
K
86
L1GR setup time2
42.00
—
ns
87
L1GR hold time
42.00
—
ns
88
L1CLK edge to L1SYNC valid (FSD = 00) CNT = 0000, BYT = 0, DSC = 0)
—
0.00
ns
1 The ratio SYNCCLK/L1RCLK must be greater than 2.5/1.
2 These specs are valid for IDL mode only.
3 Where P = 1/CLKOUT. Thus, for a 25-MHz CLKO1 rate, P = 40 ns.
4 These strobes and TxD on the first bit of the frame become valid after L1CLK edge or L1SYNC, whichever comes later.
Table 19. SI Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max
L1RXD
(Input)
L1RCLK
(FE = 0, CE = 0)
(Input)
L1RCLK
(FE = 1, CE = 1)
(Input)
L1RSYNC
(Input)
L1ST(4–1)
(Output)
71
72
70
71a
RFSD=1
75
73
74
77
78
76
79
BIT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com