Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 56Page - NXP Semiconductors MPC855T Datasheet HTML 57Page - NXP Semiconductors MPC855T Datasheet HTML 58Page - NXP Semiconductors MPC855T Datasheet HTML 59Page - NXP Semiconductors MPC855T Datasheet HTML 60Page - NXP Semiconductors MPC855T Datasheet HTML 61Page - NXP Semiconductors MPC855T Datasheet HTML 62Page - NXP Semiconductors MPC855T Datasheet HTML 63Page - NXP Semiconductors MPC855T Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
60
Freescale Semiconductor
CPM Electrical Characteristics
11.9
SMC Transparent AC Electrical Specifications
Table 23 provides the SMC transparent timings as shown in Figure 64.
Figure 64. SMC Transparent Timing Diagram
Table 23. SMC Transparent Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
150
SMCLK clock period1
1
SYNCCLK must be at least twice as fast as SMCLK.
100
—
ns
151
SMCLK width low
50
—
ns
151A
SMCLK width high
50
—
ns
152
SMCLK rise/fall time
—
15
ns
153
SMTXD active delay (from SMCLK falling edge)
10
50
ns
154
SMRXD/SMSYNC setup time
20
—
ns
155
RXD1/SMSYNC hold time
5
—
ns
SMCLK
SMRXD
(Input)
152
150
SMTXD
(Output)
152
151
SMSYNC
151A
154
153
155
154
155
Note 1
Note:
This delay is equal to an integer number of character-length clocks.
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com