Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 29Page - NXP Semiconductors MPC855T Datasheet HTML 30Page - NXP Semiconductors MPC855T Datasheet HTML 31Page - NXP Semiconductors MPC855T Datasheet HTML 32Page - NXP Semiconductors MPC855T Datasheet HTML 33Page - NXP Semiconductors MPC855T Datasheet HTML 34Page - NXP Semiconductors MPC855T Datasheet HTML 35Page - NXP Semiconductors MPC855T Datasheet HTML 36Page - NXP Semiconductors MPC855T Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
33
Bus Signal Timing
Table 8 provides interrupt timing for the MPC860.
Figure 23 provides the interrupt detection timing for the external level-sensitive lines.
Figure 23. Interrupt Detection Timing for External Level Sensitive Lines
Figure 24 provides the interrupt detection timing for the external edge-sensitive lines.
Figure 24. Interrupt Detection Timing for External Edge Sensitive Lines
Table 8. Interrupt Timing
Num
Characteristic1
1 The timings I39 and I40 describe the testing conditions under which the IRQ lines are tested when being defined as
level-sensitive. The IRQ lines are synchronized internally and do not have to be asserted or negated with reference to the
CLKOUT.
The timings I41, I42, and I43 are specified to allow the correct function of the IRQ lines detection circuitry and have no direct
relation with the total system interrupt latency that the MPC860 is able to support.
All Frequencies
Unit
Min
Max
I39
IRQx valid to CLKOUT rising edge (setup time)
6.00
—
ns
I40
IRQx hold time after CLKOUT
2.00
—
ns
I41
IRQx pulse width low
3.00
—
ns
I42
IRQx pulse width high
3.00
—
ns
I43
IRQx edge-to-edge time
4
× T
CLOCKOUT
——
CLKOUT
IRQx
I39
I40
CLKOUT
IRQx
I41
I42
I43
I43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com