Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 66Page - NXP Semiconductors MPC855T Datasheet HTML 67Page - NXP Semiconductors MPC855T Datasheet HTML 68Page - NXP Semiconductors MPC855T Datasheet HTML 69Page - NXP Semiconductors MPC855T Datasheet HTML 70Page - NXP Semiconductors MPC855T Datasheet HTML 71Page - NXP Semiconductors MPC855T Datasheet HTML 72Page - NXP Semiconductors MPC855T Datasheet HTML 73Page - NXP Semiconductors MPC855T Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
70
Freescale Semiconductor
Mechanical Data and Ordering Information
Figure 75 shows the MII serial management channel timing diagram.
Figure 75. MII Serial Management Channel Timing Diagram
14 Mechanical Data and Ordering Information
14.1
Ordering Information
Table 33 provides information on the MPC860 Revision D.4 derivative devices.
Table 33. MPC860 Family Revision D.4 Derivatives
Device
Number of
SCCs1
1 Serial communications controller (SCC)
Ethernet Support2
(Mbps)
2 Up to 4 channels at 40 MHz or 2 channels at 25 MHz
Multichannel
HDLC Support
ATM
Support
MPC855T
1
10/100
Yes
Yes
MPC860DE
2
10
N/A
N/A
MPC860DT
10/100
Yes
Yes
MPC860DP
10/100
Yes
Yes
MPC860EN
4
10
N/A
N/A
MPC860SR
10
Yes
Yes
MPC860T
10/100
Yes
Yes
MPC860P
10/100
Yes
Yes
M11
MII_MDC (Output)
MII_MDIO (Output)
M12
M13
MII_MDIO (Input)
M10
M14
MM15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com