Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 62 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 58Page - NXP Semiconductors MPC855T Datasheet HTML 59Page - NXP Semiconductors MPC855T Datasheet HTML 60Page - NXP Semiconductors MPC855T Datasheet HTML 61Page - NXP Semiconductors MPC855T Datasheet HTML 62Page - NXP Semiconductors MPC855T Datasheet HTML 63Page - NXP Semiconductors MPC855T Datasheet HTML 64Page - NXP Semiconductors MPC855T Datasheet HTML 65Page - NXP Semiconductors MPC855T Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
62
Freescale Semiconductor
CPM Electrical Characteristics
Figure 66. SPI Master (CP = 1) Timing Diagram
11.11 SPI Slave AC Electrical Specifications
Table 25 provides the SPI slave timings as shown in Figure 67 and Figure 68.
Table 25. SPI Slave Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
170
Slave cycle time
2
—
tcyc
171
Slave enable lead time
15
—
ns
172
Slave enable lag time
15
—
ns
173
Slave clock (SPICLK) high or low time
1
—
tcyc
174
Slave sequential transfer delay (does not require deselect)
1
—
tcyc
175
Slave data setup time (inputs)
20
—
ns
176
Slave data hold time (inputs)
20
—
ns
177
Slave access time
—
50
ns
SPIMOSI
(Output)
SPICLK
(CI = 0)
(Output)
SPICLK
(CI = 1)
(Output)
SPIMISO
(Input)
Data
166
167
161
161
160
msb
lsb
msb
msb
Data
lsb
msb
167
166
163
166
167
165
164
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com