Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855T Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPC855T
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 13Page - NXP Semiconductors MPC855T Datasheet HTML 14Page - NXP Semiconductors MPC855T Datasheet HTML 15Page - NXP Semiconductors MPC855T Datasheet HTML 16Page - NXP Semiconductors MPC855T Datasheet HTML 17Page - NXP Semiconductors MPC855T Datasheet HTML 18Page - NXP Semiconductors MPC855T Datasheet HTML 19Page - NXP Semiconductors MPC855T Datasheet HTML 20Page - NXP Semiconductors MPC855T Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
17
Bus Signal Timing
B23
CLKOUT rising edge to CS negated GPCM
read access, GPCM write access ACS = 00,
TRLX = 0, and CSNT = 0
2.00
8.00
2.00
8.00
2.00
8.00
2.00
8.00
ns
B24
A(0:31) and BADDR(28:30) to CS asserted
GPCM ACS = 10, TRLX = 0
5.58
—
4.25
—
3.00
—
1.79
—
ns
B24a
A(0:31) and BADDR(28:30) to CS asserted
GPCM ACS = 11, TRLX = 0
13.15
—
10.50
—
8.00
—
5.58
—
ns
B25
CLKOUT rising edge to OE, WE(0:3)
asserted
—
9.00
—
9.00
—
9.00
—
9.00
ns
B26
CLKOUT rising edge to OE negated
2.00
9.00
2.00
9.00
2.00
9.00
2.00
9.00
ns
B27
A(0:31) and BADDR(28:30) to CS asserted
GPCM ACS = 10, TRLX = 1
35.88
—
29.25
—
23.00
—
16.94
—
ns
B27a
A(0:31) and BADDR(28:30) to CS asserted
GPCM ACS = 11, TRLX = 1
43.45
—
35.50
—
28.00
—
20.73
—
ns
B28
CLKOUT rising edge to WE(0:3) negated
GPCM write access CSNT = 0
—
9.00
—
9.00
—
9.00
—
9.00
ns
B28a
CLKOUT falling edge to WE(0:3) negated
GPCM write access TRLX = 0, 1, CSNT = 1,
EBDF = 0
7.58
14.33
6.25
13.00
5.00
11.75
3.80
10.54
ns
B28b
CLKOUT falling edge to CS negated GPCM
write access TRLX = 0, 1, CSNT = 1,
ACS = 10, or ACS = 11, EBDF = 0
—
14.33
—
13.00
—
11.75
—
10.54
ns
B28c
CLKOUT falling edge to WE(0:3) negated
GPCM write access TRLX = 0, 1, CSNT = 1
write access TRLX = 0, CSNT = 1,
EBDF = 1
10.86
17.99
8.88
16.00
7.00
14.13
5.18
12.31
ns
B28d
CLKOUT falling edge to CS negated GPCM
write access TRLX = 0, 1, CSNT = 1,
ACS = 10, or ACS = 11, EBDF = 1
—
17.99
—
16.00
—
14.13
—
12.31
ns
B29
WE(0:3) negated to D(0:31), DP(0:3) High-Z
GPCM write access CSNT = 0, EBDF = 0
5.58
—
4.25
—
3.00
—
1.79
—
ns
B29a
WE(0:3) negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 0, CSNT = 1,
EBDF = 0
13.15
—
10.5
—
8.00
—
5.58
—
ns
B29b
CS negated to D(0:31), DP(0:3), High-Z
GPCM write access, ACS = 00, TRLX = 0, 1,
and CSNT = 0
5.58
—
4.25
—
3.00
—
1.79
—
ns
B29c
CS negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 0, CSNT = 1,
ACS = 10, or ACS = 11, EBDF = 0
13.15
—
10.5
—
8.00
—
5.58
—
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com