Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4929C Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 18Page - Infineon Technologies AG TLE4929C Datasheet HTML 19Page - Infineon Technologies AG TLE4929C Datasheet HTML 20Page - Infineon Technologies AG TLE4929C Datasheet HTML 21Page - Infineon Technologies AG TLE4929C Datasheet HTML 22Page - Infineon Technologies AG TLE4929C Datasheet HTML 23Page - Infineon Technologies AG TLE4929C Datasheet HTML 24Page - Infineon Technologies AG TLE4929C Datasheet HTML 25Page - Infineon Technologies AG TLE4929C Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data Sheet
22
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
4
EEPROM Description
Several options of TLE4929C can be programmed via an EEPROM to optimize the sensor algorithm to the
individual target wheel and application requirements. The EEPROM memory is organized in 2 customer lines,
whereas each line is composed of 16 data bits and additional 6 bits for error detection and correction, based
on ECC (Error Correction Code). For more detailed information about EEPROM access and programming an
EEPROM Programming manual is available.
Table 7
Temperature-Compensation for used magnetic material
Type
Description
TC (typical)
fits magnetic material
TLE4929C-XAN-M28 EEPROM pre programmed and locked
-825 ppm
SmCo, NdFeB
TLE4929C-XAF-M28 EEPROM unlocked
-1400 ppm
NdFeB, Fe
Table 8
EEPROM Address 0x0
15
14
13
12
11
10
987
6543
210
customer line #1
Table 9
Functional Description Address 0x0
Field
Bit
Type Description
TLE4929C
-XAN-M28
TLE4929C
-XAF-M28
not used
15
r
always read as “0”
0
0
STOP_ENABLE
14
rw
0 = Disable stop mode
1 = Enable stop mode
11
HIGH_SPEED
13
rw
0 = Enabled motion detection
1 = Same pulse and phase as before when
above 1.5kHz
11
DIR_CHANGE
12
rw
0 = 1/4 Criteria for direction change
1 = 1/8 Criteria for direction change
00
WATCH_DOG_EN
11
rw
0 = Watchdog off
1 = Watchdog on
00
not used
10..2 rw
to be set to “000000000”
000000000 000000000
PULSE_WIDTH
1
rw
0 = Default pulse length for all pulses
1 = All pulses shortened by 4µs (GM-pullup)
00
POLE_WHEEL
0
rw
0 = Back bias self calibration on startup –
back bias applications
1 = Back bias in center and differential path
set to ~0mT
01
Table 10
EEPROM Address 0x1
15
14
13
12
11
10
987
6543
210
customer line #2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com