Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4929C Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 5Page - Infineon Technologies AG TLE4929C Datasheet HTML 6Page - Infineon Technologies AG TLE4929C Datasheet HTML 7Page - Infineon Technologies AG TLE4929C Datasheet HTML 8Page - Infineon Technologies AG TLE4929C Datasheet HTML 9Page - Infineon Technologies AG TLE4929C Datasheet HTML 10Page - Infineon Technologies AG TLE4929C Datasheet HTML 11Page - Infineon Technologies AG TLE4929C Datasheet HTML 12Page - Infineon Technologies AG TLE4929C Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
9
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
Note:
The listed Electrical and magnetic characteristics are ensured over the operating range of the
integrated circuit. Typical characteristics specify mean values expected over the production spread.
If not other specified, typical characteristics apply at TAmb = 25°C and VS =5V.
Global run out (speed and
direction channel)
Runoutgl
obal 4)
1.0
–
1.67 -
Ratio = Amplitude(max)pkpk /
Amplitude(min)pkpk
1.0
–
2.5
-
Ratio = Amplitude(max)pkpk /
Amplitude(min)pkpk . Reduced
performance in Stop-Start-
behavior.
Magnetic overshoot of
signature region in speed
signal. Magnetic overshot from
tooth to tooth (polepair to
polepair)
Runoutto
oth,tooth
4)
0.8
1.2
1.6
-
Ratio = Amplitude(signature) /
Amplitude(before/after). Valid for
toothed target wheel.
0.7
1.4
2.5
-
Ratio = Amplitude(signature) /
Amplitude(before/after). Valid for
magnetic target wheel.
Output Protocol Variants
Crankshaft without direction
detection: Output follows
profile of target wheel
–
–
–
–
–
Output “Q” changes state (“LOW”
or “HIGH”) in the middle of the
tooth / middle of the notch
Standard crankshaft protocol
with direction
tfwd
38
45
52
µs
VPullup = 5 V, RPullup =1.2 kΩ (+/-
10%), CQ = 1.8 nF (+/-15%),
valid between 50% of falling edge
to 50% of next rising edge
tbwd
76
90
104
µs
Optional crankshaft protocol
with direction
tfwd
38
45
52
µs
tbwd
113
135
157
µs
1) Application parameter, IC does not increase the rise time (max. value), Values are calculated and not tested
2) Smallest setting is not recommended for harsh environment: long tooth, long notch, vibration, run-out of target-
wheel.
3) Parameter not subject to productive test. Verified by characterization in the laboratory based on jitter-measurement
> 1000 falling edges.
4) Parameter not subject to productive test. Verified by laboratory characterization / design.
Table 4
Electrical and Magnetic Parameters (Continued)
Parameter
Symbol
Values
Unit
Note or Test Condition
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com