Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4929C Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4929C Datasheet HTML 1Page - Infineon Technologies AG TLE4929C Datasheet HTML 2Page - Infineon Technologies AG TLE4929C Datasheet HTML 3Page - Infineon Technologies AG TLE4929C Datasheet HTML 4Page - Infineon Technologies AG TLE4929C Datasheet HTML 5Page - Infineon Technologies AG TLE4929C Datasheet HTML 6Page - Infineon Technologies AG TLE4929C Datasheet HTML 7Page - Infineon Technologies AG TLE4929C Datasheet HTML 8Page - Infineon Technologies AG TLE4929C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
5
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
Static range of the magnetic field of
the outer Hall probes in magnetic
encoder wheel configuration
SRmag_field_s_pw -10
-
10
mT
Static absolute offset for
pole wheel / Offset-DAC-
Compensation-range /
independent from Bit
“POLE_WHEEL”
Static range of the magnetic field of
the center Hall probe
SRmag_field_dir -100 -
450
mT
No wheel in front of
module / Center-Offset-
DAC-Compensation-
range
Allowed static difference between
outer probes
SRmag_field_diff -30
-
30
mT
No wheel in front of
module
Magnetic differential field amplitude
for full performance on stop-start
ΔBSpeed_Stop,Sta
rt
9-
-
mTpk
pk
No false pulses for
temperature drift of ≤ 60
K during stop-start state.
Tolerated change of
speed-channel mean
value ≤ 3mT
6-
-
mTpk
pk
No false pulses for
temperature drift of ≤ 40
K during stop-start state.
Tolerated change of
speed-channel mean
value ≤ 2mT
4-
-
mTpk
pk
No false pulses for
temperature drift of ≤ 20
K during stop-start state.
Tolerated change of
speed-channel mean
value ≤ 1.5mT
Temperatures
Normal operating junction
temperature
TJ
-40
–
175
°C
Exposure time: max.
2500 h at TJ = 175°C,
VDD =16V
-
-
185
°C
Exposure time: max.
10 ×1h at TJ = 185°C,
VDD = 16 V, additive to
other lifetime
Not operational lifetime
Tno
-40
150
°C
Without sensor function.
Exposure time max
500 h @ 150°C; increased
time for lower
temperatures according
to Arrhenius-Model,
additive to other lifetime
Table 3
General Operating Conditions (Continued)
Parameter
Symbol
Values
Unit
Note or Test Condition
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com