Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4929C Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 4Page - Infineon Technologies AG TLE4929C Datasheet HTML 5Page - Infineon Technologies AG TLE4929C Datasheet HTML 6Page - Infineon Technologies AG TLE4929C Datasheet HTML 7Page - Infineon Technologies AG TLE4929C Datasheet HTML 8Page - Infineon Technologies AG TLE4929C Datasheet HTML 9Page - Infineon Technologies AG TLE4929C Datasheet HTML 10Page - Infineon Technologies AG TLE4929C Datasheet HTML 11Page - Infineon Technologies AG TLE4929C Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet
8
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
Digital noise constant of speed
channel during start up (change
in differential field)
DNCmin
0.53 0.75 0.97 mTpk
pk
EEPROM “DNC_MIN”: Option 002)
1.22 1.5
1.78 mTpk
pk
EEPROM “DNC_MIN”: Option 01
2.14 2.5
2.86 mTpk
pk
EEPROM “DNC_MIN”: Option 10
4.44 5
5.56 mTpk
pk
EEPROM “DNC_MIN”: Option 11
Hysteresis Of Switching Threshold
Minimum hysteresis threshold
of speed channel
HYSmin
0.53 0.75 0.97 mTpk
pk
EEPROM “HYST”: Option 02)
1.22 1.5
1.78 mTpk
pk
EEPROM “HYST”: Option 1
Adaptive hysteresis threshold
of speed channel
HYSadaptive –
25
–
%
EEPROM “HYST_ADAPT”: Option 0
–
31.25 –
%
EEPROM “HYST_ADAPT”: Option 1
Switching level offset
SwitchOff
set,Error
-350 –
350
µT
For magnetic speed signal = 10
mTpkpk : resulting in phase error /
duty cycle error.
Accuracy and Repeatability
Repeatability (Jitter)
Jitter3)
–
–
0.015 °Crank 3 sigma, ΔBpkpk = 20mTpkpk
–
–
0.025 °Crank 3 sigma, ΔBpkpk = 9mTpkpk ,
measured on coil using sinus
signal, Ta=150°C, f=8kHz
Number of wrong pulses at
start-up
nStart 4)
–
–
0
n
Engine starts in continuous
forward rotational direction
0
–
1
n
Engine starts in continuous
backward rotational direction
Number of wrong pulses after
stop-start
nStop,sta
rt 4)
–
–
0
n
Multiple rotational direction
changes > 6°Crank allowed
Maximum phase error
Phirunnin
g 3)
-0.2
–
0.2
°Crank ΔBSpeed > 9mTpkpk ,signature
excluded, accuracy on mentioned
wheel in Figure 2
Maximum phase error after
stop-start
Phistop,st
art 3)
-1.7
–
3.2
°Crank Reduced phase accuracy only for
first pulse after stop-start-state /
signature excluded
Run Out Capabilities
Table 4
Electrical and Magnetic Parameters (Continued)
Parameter
Symbol
Values
Unit
Note or Test Condition
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com