Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4929C Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 19Page - Infineon Technologies AG TLE4929C Datasheet HTML 20Page - Infineon Technologies AG TLE4929C Datasheet HTML 21Page - Infineon Technologies AG TLE4929C Datasheet HTML 22Page - Infineon Technologies AG TLE4929C Datasheet HTML 23Page - Infineon Technologies AG TLE4929C Datasheet HTML 24Page - Infineon Technologies AG TLE4929C Datasheet HTML 25Page - Infineon Technologies AG TLE4929C Datasheet HTML 26Page - Infineon Technologies AG TLE4929C Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
23
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
Table 11
Functional Description Address 0x1
Field
Bit
Type Description
TLE4929C
-XAN-M28
TLE4929C
-XAF-M28
not used
15:14 rw
to be set to “00”
00
00
PW_CHOICE
13
rw
Choice of pulse length at direction detection
forwards/backwards time, pulse length is
3µs shorter by default and can be shortened
by additional 4µs with the PULSE_WIDTH
bit. Details please find on Table 4.
0 = 45 / 90µs
1 = 45 / 135µs
00
not used
12
rw
to be set to “0”
0
0
FORWARD_DEF
11
rw
0 = none inversion of forward definition
1 = inversion of forward definition
10
EDGE_POLAR
10
rw
0 = non-inverted
1 = inverted
01
HYST_ADAPT
9
rw
0 = 25%
1 = 31.25%
00
HYST
8
rw
0 = 0.75mTpkpk
1 = 1.5mTpkpk
11
HYST_TYPE
7
rw
0 = Hidden adaptive hysteresis
1 = Visible adaptive hysteresis
00
DNC_MIN
6:5
rw
Minimal DNC (Digital Noise Constant):
00 = 0.75mTpkpk
01 = 1.5mTpkpk
10 = 2.5mTpkpk
11 = 5mTpkpk
01
01
DNC_ADAPT
4
rw
Following value is used for uncalibrated
mode:
0 = 25%
1 = 31.5%
00
CRANK_TEETH
3
rw
0 = 58 teeth
1 = 32 teeth
00
DIR_ENABLE
2
rw
0 = Direction detection off
1 = Direction detection on
11
ADAPT_FILT
1
rw
0 = Slow adaptation tracking: average over
32/58 (CRANK_TEETH) edges…)
1 = Fast adaptation tracking: Each valid
min/max is considered and allows a small
offset-update. When the last 5 updates have
the same sign a full offset-update will be
performed.
00
LOCK
0
rw
0 = User area of EEPROM is unlocked
1 = User area of EEPROM is locked (no
reprogramming possible)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com