Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4929C Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 14Page - Infineon Technologies AG TLE4929C Datasheet HTML 15Page - Infineon Technologies AG TLE4929C Datasheet HTML 16Page - Infineon Technologies AG TLE4929C Datasheet HTML 17Page - Infineon Technologies AG TLE4929C Datasheet HTML 18Page - Infineon Technologies AG TLE4929C Datasheet HTML 19Page - Infineon Technologies AG TLE4929C Datasheet HTML 20Page - Infineon Technologies AG TLE4929C Datasheet HTML 21Page - Infineon Technologies AG TLE4929C Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet
18
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
Figure 10
Adaptive Hysteresis
3.5
Rotational Direction Definition and Edge Polarity Definition
TLE4929C has EEPROM-options to change the position of the output-protocol. In the application the switching
point is either the middle of the tooth or the middle of the notch (magnetic encoder wheel: middle of north
pole or middle of south pole). From magnetic point of view it is zero crossing of the differential speed signal:
Either rising edge or falling edge. The EEPROM-Bit “EDGE_POLAR” parametrizes the sensor to one of the
edges.
In addition there is an option to issue “forward”-pulses either in CW rotational direction or CCW rotational
direction: “FORWARD_DEF”.
Both EEPROM-bits are independent from each other.
Figure 11
Signal output in setting “EDGE_POLAR = 0” and “FORWARD_DEF” = 0
-10
-8
-6
-4
-2
0
2
4
6
8
10
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
time [s]
Hysteresis = 0.25 *
ΔBpp (peak to peak )
ΔBz,diff
magnetic input signal
hysteresis HI
hysteresis LO
Speed
Direction
Rotation direction CW:
Output „Q“
CW
Rotational
Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com