Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4929C Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 6Page - Infineon Technologies AG TLE4929C Datasheet HTML 7Page - Infineon Technologies AG TLE4929C Datasheet HTML 8Page - Infineon Technologies AG TLE4929C Datasheet HTML 9Page - Infineon Technologies AG TLE4929C Datasheet HTML 10Page - Infineon Technologies AG TLE4929C Datasheet HTML 11Page - Infineon Technologies AG TLE4929C Datasheet HTML 12Page - Infineon Technologies AG TLE4929C Datasheet HTML 13Page - Infineon Technologies AG TLE4929C Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
10
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
Figure 2
OEM-crankshaft wheel (outer diameter = 160mm)
A-A ( 1 : 1 )
A
A
3,73
16
0
Ø
16,
11
12
12
3
10
19,5
1
X
45
°
1 X
45°
1
X
45°
4,65
21,
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com