Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4929C Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 20Page - Infineon Technologies AG TLE4929C Datasheet HTML 21Page - Infineon Technologies AG TLE4929C Datasheet HTML 22Page - Infineon Technologies AG TLE4929C Datasheet HTML 23Page - Infineon Technologies AG TLE4929C Datasheet HTML 24Page - Infineon Technologies AG TLE4929C Datasheet HTML 25Page - Infineon Technologies AG TLE4929C Datasheet HTML 26Page - Infineon Technologies AG TLE4929C Datasheet HTML 27Page - Infineon Technologies AG TLE4929C Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet
24
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
5
Package Information
Pure tin covering (green lead plating) is used. The product is RoHS (Restriction of Hazardous Substances)
compliant and marked with letter G in front of the data code marking and contains a data matrix code on the
rear side of the package (see also information note 136/03). Please refer to your key account team or regional
sales if you need further information.
The specification for soldering and welding is defined in the latest revision of application note
“Recommendation for Handling and Assembly of Infineon PG-SSO Sensor Packages”.
Position tolerance of sensing elements has CpK > 1.67 in both dimensions.
Figure 19
Pin Configuration and Sensitive Area / Position of the Hall Elements in PG-SSO-3-5x and
Distance to the Branded Side
Table 12
Pin Description
Pin Number
Symbol
Function
1
VDD
Supply Voltage
2GND
Ground
3
Q
Open Drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com