Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4929C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4929C Datasheet HTML 1Page - Infineon Technologies AG TLE4929C Datasheet HTML 2Page - Infineon Technologies AG TLE4929C Datasheet HTML 3Page - Infineon Technologies AG TLE4929C Datasheet HTML 4Page - Infineon Technologies AG TLE4929C Datasheet HTML 5Page - Infineon Technologies AG TLE4929C Datasheet HTML 6Page - Infineon Technologies AG TLE4929C Datasheet HTML 7Page - Infineon Technologies AG TLE4929C Datasheet HTML 8Page - Infineon Technologies AG TLE4929C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
1
1.10
www.infineon.com/sensors
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
Applications
The TLE4929C is an active Hall sensor ideally suited for crankshaft
applications and similar industrial applications, such as speedometer or
any speed-sensor with high accuracy and low jitter capabilities.
Features
• Measures speed and position of tooth/pole wheels
• Switching point in middle of the tooth enables backward compatibility
• Magnetic stray-field robustness due to differential sensing principle
• Digital output signal with programmable output-protocol including
diagnosis interface
• Direction detection and Stop-Start-Algorithm
• High accuracy and low jitter
• High sensitivity enable large air gap
• End-of-line programmable to adapt to engine parameters
• Can be used as a differential Camshaft sensor
• Wide automotive operating temperature range
Figure 1
Typical Application Circuit
Description
The TLE4929C comes in a RoHs compliant three-pin
package, qualified for automotive usage. It has two
integrated capacitors on the lead frame (Figure 1). These capacitors increase the EMC resistivity of the device.
A pull-up resistor RLoad is mandatory on the output pin and determines the maximum current through the
output transistor.
Table 1
Version
Type
Description
Marking Ordering Code Package
TLE4929C-XAN-M28
EEPROM preprogrammed and locked
29AIC0
SP001670330
PG-SSO-3-52
TLE4929C-XAF-M28
EEPROM unlocked
29AIC1
SP001671646
PG-SSO-3-52
RSupply
VDD
V
DD
GND
Q
C
VDD = 220 nF
C
Q = 1.8 nF
...integrated in package
RLoad
1.2 kΩ
Vpullup
IQ
CVDD
Option for 12 V
CQ
PG-SSO- 3-52
V
Q
IDD


Similar Part No. - TLE4929C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4929C-XAF-M28 INFINEON-TLE4929C-XAF-M28 Datasheet
1Mb / 28P
Fully Programmable Crankshaft Sensor
Data Sheet 1.10 2018-09-13
TLE4929C-XAN-M28 INFINEON-TLE4929C-XAN-M28 Datasheet
1Mb / 28P
Fully Programmable Crankshaft Sensor
Data Sheet 1.10 2018-09-13
TLE4929C-XHA-M18N INFINEON-TLE4929C-XHA-M18N Datasheet
1Mb / 34P
Measures speed and position of tooth/pole wheels
Datasheet 1.0 2020-09-29
TLE4929C-XHA-M38N INFINEON-TLE4929C-XHA-M38N Datasheet
1Mb / 34P
Measures speed and position of tooth/pole wheels
Datasheet 1.0 2020-09-29
More results

Similar Description - TLE4929C

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLX90308CCC MICRO-ELECTRONICS-MLX90308CCC Datasheet
494Kb / 26P
Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90308CAB ETC1-MLX90308CAB Datasheet
522Kb / 26P
Programmable Sensor Interface
logo
NXP Semiconductors
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
Programmable angle sensor
Rev. 05-16 August 2005
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
Programmable angle sensor
Rev. 01-18 October 2007
KMA221 NXP-KMA221 Datasheet
566Kb / 36P
Programmable angle sensor
Rev. 1-16 July 2013
KMA210-115 NXP-KMA210-115 Datasheet
591Kb / 37P
Programmable angle sensor
Rev. 2-7 December 2011
logo
Infineon Technologies A...
TLE4928 INFINEON-TLE4928 Datasheet
277Kb / 2P
Highly accurate differential Hall sensor for crankshaft and transmission applications
08/2013
logo
Allegro MicroSystems
A16601 ALLEGRO-A16601 Datasheet
740Kb / 13P
AC-Coupled Differential Crankshaft Speed Sensor IC
logo
Infineon Technologies A...
TLE4929C-XAN-M28 INFINEON-TLE4929C-XAN-M28 Datasheet
1Mb / 28P
Fully Programmable Crankshaft Sensor
Data Sheet 1.10 2018-09-13
logo
Allegro MicroSystems
ATS16951PSM ALLEGRO-ATS16951PSM Datasheet
1Mb / 14P
GMR Speed and Direction Crankshaft Sensor with Three-Wire, Pulse-Width Output
Rev. 1 December 17, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com