Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4929C Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 17Page - Infineon Technologies AG TLE4929C Datasheet HTML 18Page - Infineon Technologies AG TLE4929C Datasheet HTML 19Page - Infineon Technologies AG TLE4929C Datasheet HTML 20Page - Infineon Technologies AG TLE4929C Datasheet HTML 21Page - Infineon Technologies AG TLE4929C Datasheet HTML 22Page - Infineon Technologies AG TLE4929C Datasheet HTML 23Page - Infineon Technologies AG TLE4929C Datasheet HTML 24Page - Infineon Technologies AG TLE4929C Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
21
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
• No false rotational direction information
Combining the System Watchdog and the Stop Start Watchdog an immunity to vibration can be added to the
Stop-Start-behavior.
Further details are available on request.
3.8
High Speed Mode
The high speed mode can be switched on or off by EEPROM bit “HIGH_SPEED”. Switched to state “off” the
TLE4929x behaves as described. Switched to state “on” the TLE4929x stops direction detection above a
certain input signal frequency of typicaly 1.8kHz and continues with the last detected direction. To switch to
high speed mode the frequency has to be measured two times. Comming from high frequencies the direction
detection is enabled again going below the frequency threshold of 1.5kHz.
In mode TSS = 1 the limits are 4.3kHz and 4.0kHz. All values are typical values.
3.9
Serial Interface
The serial interface is used to set parameter and to program the sensor IC, it allows writing and reading of
internal registers. Data transmission to the IC is done by supply voltage modulation, by providing the clock
timing and data information via only one line. Data from the IC are delivered via the output line, triggered by
as well clocking the supply line. In normal application operation the interface is not active, for entering that
mode a certain command right after power-on is required.
A detailed interface document (TLE4929Cx/59x EEPROM Programming Guide) is available on request,
containing description of electrical timing and voltage requirements, as well as information about data
protocol, available registers and addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com