Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4929C Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 12Page - Infineon Technologies AG TLE4929C Datasheet HTML 13Page - Infineon Technologies AG TLE4929C Datasheet HTML 14Page - Infineon Technologies AG TLE4929C Datasheet HTML 15Page - Infineon Technologies AG TLE4929C Datasheet HTML 16Page - Infineon Technologies AG TLE4929C Datasheet HTML 17Page - Infineon Technologies AG TLE4929C Datasheet HTML 18Page - Infineon Technologies AG TLE4929C Datasheet HTML 19Page - Infineon Technologies AG TLE4929C Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet
16
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
Figure 7
Direction Detection Principle: Rotation Direction Forward And Backward
3.3.7
Direction Detection Threshold
To recognize a change in rotational direction of the target wheel a threshold (Figure 8) is used. The peak-to-
peak signal of direction is averaged over the last 5 teeth and is used as 100% value. Whenever a new minimum
or a new maximum is measured, a threshold of 25% is calculated.
Figure 8
Direction Threshold Level
At a constant direction the next sample-point is expected to have another 100% signal amplitude. In the case
of a rotational direction change the same value as before is expected. To distinguish between these two cases
a virtual threshold of 25% is taken into account. Using EEPROM these 25% can be programmed to 12.5%
(direction change criterion).
Speed
direction
falling edge,
dir samples used for
direction detection
rising edge,
dir samples used for
direction detection
Speed
direction
amplitude
falling edge,
dir samples used for
direction detection
rising edge,
dir samples used for
direction detection
Rotation direction Forward
Rotation direction Backward
Speed
direction
falling edge
,
dir samples used for
direction detection
Rotation direction Left
Rotation direction Right
25%
100%
<25%
Direction change
>25%
Same direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com